Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 111Page - Renesas Technology Corp SH7708 Datasheet HTML 112Page - Renesas Technology Corp SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp SH7708 Datasheet HTML 116Page - Renesas Technology Corp SH7708 Datasheet HTML 117Page - Renesas Technology Corp SH7708 Datasheet HTML 118Page - Renesas Technology Corp SH7708 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 633 page
background image
97
Section 5 Cache
5.1
Overview
5.1.1
Features
The cache specifications are listed in table 5.1.
Table 5.1
Cache Specifications
Parameter
Specification
Capacity
Selectable:
Normal mode: 8 kbytes
RAM mode: 4 kbytes cache and 4 kbytes RAM
Structure
Instruction/data mixed, 4-way set associative (2-way set associative in
RAM mode)
Line size
16 bytes
Number of entries
128 entries/way
Write system
P0, P1, P3, U0: Write-back/write-through selectable
Replacement method
Least-recently-used (LRU) algorithm
5.1.2
Cache Structure
The cache mixes data and instructions and uses a 4-way set associative system. It is composed of
four ways (banks), each of which is divided into an address section and a data section. Each of the
address and data sections is divided into 128 entries. The data section of the entry is called a line.
Each line consists of 16 bytes (4 bytes
× 4). The data capacity per way is 2 kbytes (16 bytes × 128
entries), with a total of 8 kbytes in the cache as a whole (4 ways). Figure 5.1 shows the cache
structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com