Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp SH7708 Datasheet HTML 110Page - Renesas Technology Corp SH7708 Datasheet HTML 111Page - Renesas Technology Corp SH7708 Datasheet HTML 112Page - Renesas Technology Corp SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp SH7708 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 633 page
background image
94
4.5.3
Interrupts
• NMI
 Conditions: NMI pin edge detection
 Operations: The PC and SR after the instruction that receives the interrupt are saved to the
SPC and SSR, respectively. H'01C0 is set in INTEVT. The BL, MD, and RB bits in SR are
set to 1 and a branch occurs to PC = VBR + H'0600. This interrupt is not masked by
SR.IMASK and is accepted with top priority when the BL bit in SR is 0. When the BL bit
is 1, the interrupt is masked. See section 6, Interrupt Controller, for more information.
• IRL interrupts
 Conditions: The value of the interrupt mask bits in SR is lower than the IRL3–IRL0 level
and the BL bit in SR is 0. The interrupt is accepted at an instruction boundary.
 Operations: The PC after the instruction that accepts the interrupt is saved to the SPC. SR at
the time the interrupt is accepted is saved to SSR. The code corresponding to the
IRL3–IRL0 level is set in INTEVT. The corresponding code is given as H'200 +
B'(IRL3–IRL0)
× H'20. The BL, MD, and RB bits in SR are set to 1 and a branch occurs to
VBR + H'0600. The received level is not set in SR.IMASK. See section 6, Interrupt
Controller, for more information.
• On-chip module interrupts
 Conditions: The value of the interrupt mask bits in SR is lower than the on-chip module
(TMU, RTC, SCI, CPG, REF) interrupt level and the BL bit in SR is 0. The interrupt is
accepted at an instruction boundary.
 Operations: The PC after the instruction that accepts the interrupt is saved to the SPC. SR at
the time the interrupt is accepted is saved to SSR. The code corresponding to the interrupt
source is set in INTEVT. See table 6.4, Interrupt Exception Vectors and Rankings, for the
corresponding codes. The BL, MD, and RB bits in SR are set to 1 and a branch occurs to
VBR + H'0600. B'0000 to B'1111 are set in the interrupt priority level registers (IRPA,
IRPB) within the interrupt controller. See section 6, Interrupt Controller, for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com