Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 106Page - Renesas Technology Corp SH7708 Datasheet HTML 107Page - Renesas Technology Corp SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp SH7708 Datasheet HTML 110Page - Renesas Technology Corp SH7708 Datasheet HTML 111Page - Renesas Technology Corp SH7708 Datasheet HTML 112Page - Renesas Technology Corp SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 633 page
background image
92
• TLB protection exception
 Conditions: When a hit access violates the TLB protection information (PR bits) shown
below:
PR
Privileged mode
User mode
00
Only read enabled
No access
01
Read/write enabled
No access
10
Only read enabled
Only read enabled
11
Read/write enabled
Read/write enabled
 Operations: The virtual address (32 bits) that caused the exception is set in TEA and the
corresponding virtual page number (22 bits) is set in PTEH (31–10). The ASID of PTEH
indicates the ASID at the time the exception occurred. The way that generated the
exception is set in the RC bits in MMUCR.
The PC and SR of the instruction that generated the exception are saved to the SPC and SSR,
respectively. If the exception occurred during a read, H'0A0 is set in EXPEVT; if the exception
occurred during a write, H'0C0 is set in EXPEVT. The BL, MD, and RB bits in SR are set to 1
and a branch occurs to PC = VBR + H'0100.
• Address error
 Conditions:
a. Instruction fetch from odd address (4n + 1, 4n + 3)
b. Word data accessed from addresses other than word boundaries (4n + 1, 4n + 3)
c. Longword accessed from addresses other than longword boundaries (4n + 1, 4n + 2,
4n + 3)
d. Virtual space accessed in user mode in the area H'80000000 to H'FFFFFFFF.
 Operations: The virtual address (32 bits) that caused the exception is set in TEA. The PC
and SR of the instruction that generated the exception are saved to the SPC and SSR,
respectively. If the exception occurred during a read, H'0E0 is set in EXPEVT; if the
exception occurred during a write, H'100 is set in EXPEVT. The BL, MD, and RB bits in
SR are set to 1 and a branch occurs to PC = VBR + H'0100.
For details see section 3.5.5, Processing Flow in Event of MMU Exception.
• Unconditional trap
 Conditions: TRAPA instruction executed
 Operations: The exception is a processing-completion type, so the PC of the instruction
after the TRAPA instruction is saved to the SPC. SR from the time when the TRAPA
instruction was executing is saved to SSR. The 8-bit immediate value in the TRAPA
instruction is quadrupled and set in TRA(9–0). H'160 is set in EXPEVT. The BL, MD, and
RB bits in SR are set to 1 and a branch occurs to PC = VBR + H'0100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com