Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 103Page - Renesas Technology Corp SH7708 Datasheet HTML 104Page - Renesas Technology Corp SH7708 Datasheet HTML 105Page - Renesas Technology Corp SH7708 Datasheet HTML 106Page - Renesas Technology Corp SH7708 Datasheet HTML 107Page - Renesas Technology Corp SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp SH7708 Datasheet HTML 110Page - Renesas Technology Corp SH7708 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 633 page
background image
89
4.4
Exception Handler Operation
4.4.1
Reset
The reset sequence is used to power up or restart the SH7708 Series from the initialization state.
The
RESET signal is sampled every clock cycle, and in the case of a power-on reset, all
processing being executed (excluding the RTC) is suspended, all unfinished events are canceled,
and reset processing is executed immediately. In the case of a manual reset, however, processing
to retain external memory contents is continued. The
BREQ (bus request) signal is used to
distinguish between a power-on reset (high-level input) and manual reset (low-level input). The
reset sequence consists of the following operations:
• The MD bit in SR is set to 1 to place the SH7708 Series in privileged mode.
• The BL bit in SR is set to 1, masking any subsequent exceptions.
• The RB bit in SR is set to 1.
• An encoded value of H'000 in a power-on reset or H'020 in a manual reset is written to bits 11–
0 of the EXPEVT register to identify the exception event.
• Instruction execution jumps to the user-written exception handler at address H'A0000000.
4.4.2
Interrupts
An interrupt processing request is accepted on completion of the current instruction. The interrupt
acceptance sequence consists of the following operations:
• The contents of the PC and SR are saved in SPC and SSR, respectively.
• The BL bit in SR is set to 1, masking any subsequent exceptions.
• The MD bit in SR is set to 1 to place the SH7708 Series in privileged mode.
• The RB bit in SR is set to 1.
• An encoded value identifying the exception event is written to bits 11–0 of the INTEVT
register.
• Instruction execution jumps to the vector location designated by the sum of the value of the
contents of the vector base register (VBR) and H'00000600 to invoke the exception handler.
4.4.3
General Exceptions
When the SH7708 Series encounters any exception condition other than a reset or interrupt
request, it executes the following operations:
• The contents of the PC and SR are saved in the SPC and SSR, respectively.
• The BL bit in SR is set to 1, masking any subsequent exceptions.
• The MD bit in SR is set to 1 to place the SH7708 Series in privileged mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com