Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 107Page - Renesas Technology Corp SH7708 Datasheet HTML 108Page - Renesas Technology Corp SH7708 Datasheet HTML 109Page - Renesas Technology Corp SH7708 Datasheet HTML 110Page - Renesas Technology Corp SH7708 Datasheet HTML 111Page - Renesas Technology Corp SH7708 Datasheet HTML 112Page - Renesas Technology Corp SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 633 page
background image
93
• Reserved instruction exception
 Conditions:
a. When undefined code not in a delay slot is decoded
Delay branch instructions: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT/S, BF/S
Undefined instructions: H'Fxxx(SH7708, SH7708S), H'FxxF(SH7708R)
b. When a privileged instruction not in a delay slot is decoded in user mode
Privileged instructions: LDC, STC, RTE, LDTLB, SLEEP; instructions that access GBR
with LDC/STC are not privileged instructions
 Operations: The PC and SR of the instruction that generated the exception are saved to the
SPC and SSR, respectively. H'180 is set in EXPEVT. The BL, MD, and RB bits in SR are
set to 1 and a branch occurs to PC = VBR + H'0100. When an undefined instruction other
than H'Fxxx is decoded, operation cannot be guaranteed.
• Illegal slot instruction
 Conditions:
a. When undefined code in a delay slot is decoded
Delay branch instructions: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT/S, BF/S
Undefined instructions: H'Fxxx(SH7708, SH7708S), H'FxxF(SH7708R)
b. When an instruction that rewrites the PC in a delay slot is decoded
Instructions that rewrite the PC: JMP, JSR, BRA, BRAF, BSR, BSRF, RTS, RTE, BT, BF,
BT/S, BF/S, TRAPA, LDC Rm, SR, LDC.L, @Rm+, SR
c. When a privileged instruction in a delay slot is decoded in user mode
Privileged instructions: LDC, STC, RTE, LDTLB, SLEEP; instructions that access GBR
with LDC/STC are not privileged instructions
 Operations: The PC of the previous delay branch instruction is saved to the SPC. SR of the
instruction that generated the exception is saved to SSR. H'1A0 is set in EXPEVT. The BL,
MD, and RB bits in SR are set to 1 and a branch occurs to PC = VBR + H'0100. When an
undefined instruction other than H'Fxxx is decoded, operation cannot be guaranteed.
• User break point trap
 Conditions: When a break condition set in the user break point controller is satisfied
 Operations: When a post-execution break occurs, the PC of the instruction immediately
after the instruction that set the break point is set in the SPC. If a pre-execution break
occurs, the PC of the instruction that set the break point is set in the SPC. SR when the
break occurs is set in SSR. H'1E0 is set in EXPEVT. The BL, MD, and RB bits in SR are
set to 1 and a branch occurs to PC = VBR + H'0100. See section 7, User Break Controller,
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com