Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 112Page - Renesas Technology Corp SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp SH7708 Datasheet HTML 116Page - Renesas Technology Corp SH7708 Datasheet HTML 117Page - Renesas Technology Corp SH7708 Datasheet HTML 118Page - Renesas Technology Corp SH7708 Datasheet HTML 119Page - Renesas Technology Corp SH7708 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 633 page
background image
98
Entry 0
Address array (ways 0–3)
V U
Address
24 (1 + 1 + 22) bits
Entry 1
•
•
•
•
Entry 127
0
Data array (ways 0–3)
LRU section
LW0
LW1
LW2
LW3
128 (32
× 4) bits
LW0–LW3: Longword data 0–3
1
•
•
•
•
127
0
1
•
•
•
•
127
6 bits
Figure 5.1 Cache Structure
Address Array: The V bit indicates whether the entry data is valid. When the V bit is 1, data is
valid; when 0, data is not valid. The U bit indicates whether the entry has been written to in write-
back mode. When the U bit is 1, the entry has been written to; when 0, it has not. The address tag
holds the physical address used in the external memory access. It is composed of 22 bits (address
bits 31–10) used for comparison during cache searches.
In the SH7708 Series, the top three of the 32 physical address bits are used as shadow bits (see
section 10), and therefore in a normal replace operation the top three bits of the vector address are
cleared to 0.
The V and U bits are initialized to 0 by a power-on reset, but are not initialized by a manual reset.
The tag address is not initialized by either a power-on or manual reset.
Data Array: Holds a 16-byte instruction or data. Entries are registered in the cache in line units
(16 bytes). The data array is not initialized by a power-on or manual reset.
LRU: With the 4-way set associative system, up to four instructions or data with the same entry
address (address bits 10–4) can be registered in the cache. When an entry is registered, the LRU
shows which of the four ways it is recorded in. There are six LRU bits, controlled by hardware. A
least-recently-used (LRU) algorithm is used to select the way.
In normal mode, four ways are used as cache and six LRU bits indicate the way to be replaced
(table 5.2). If a bit pattern other than those listed in table 5.2 is set in the LRU bits by software, the
cache will not function correctly. When modifying the LRU bits by software, set one of the
patterns listed in table 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com