Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 113Page - Renesas Technology Corp SH7708 Datasheet HTML 114Page - Renesas Technology Corp SH7708 Datasheet HTML 115Page - Renesas Technology Corp SH7708 Datasheet HTML 116Page - Renesas Technology Corp SH7708 Datasheet HTML 117Page - Renesas Technology Corp SH7708 Datasheet HTML 118Page - Renesas Technology Corp SH7708 Datasheet HTML 119Page - Renesas Technology Corp SH7708 Datasheet HTML 120Page - Renesas Technology Corp SH7708 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 633 page
background image
99
In RAM mode, two ways are used as cache (way 0 and way 1). Bit 5 of the LRU bits indicates
which way is to be replaced. When bit 5 is 0, way 1 is to be replaced. When bit 5 is 1, way 0 is to
be replaced.
The LRU bits are initialized to 0 by a power-on reset, but are not initialized by a manual reset.
Table 5.2
LRU and Way Replacement in Normal Mode
LRU (5–0)
Way to be Replaced
000000, 000100, 010100, 100000, 110000, 110100
3
000001, 000011, 001011, 100001, 101001, 101011
2
000110, 000111, 001111, 010110, 011110, 011111
1
111000, 111001, 111011, 111100, 111110, 111111
0
5.1.3
Register Configuration
Table 5.3 shows details of the cache control register.
Table 5.3
Register Configuration
Register
Abbr.
R/W
Size
Initial Value*
Address
Cache control register
CCR
R/W
Longword
H'00000000
H'FFFFFFEC
Note: * Initialized by a power-on reset or manual reset.
5.2
Register Description
5.2.1
Cache Control Register (CCR)
The cache is enabled or disabled using the CE bit of the cache control register (CCR). CCR also
has an RA bit (which switches the cache operation mode between RAM mode and normal mode),
a CF bit (which invalidates all cache entries), a WT bit and a CB bit* (which selects either write-
through mode or write-back mode). Programs that change the contents of the CCR register should
be placed in address space that is not cached. When updating the contents of the CCR register,
always set bit 4 to 0. Figure 5.2 shows the configuration of the CCR register. CB bit is not
supported in emulator.
Note: * SH7708S, SH7708R Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com