Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 243Page - Renesas Technology Corp SH7708 Datasheet HTML 244Page - Renesas Technology Corp SH7708 Datasheet HTML 245Page - Renesas Technology Corp SH7708 Datasheet HTML 246Page - Renesas Technology Corp SH7708 Datasheet HTML 247Page - Renesas Technology Corp SH7708 Datasheet HTML 248Page - Renesas Technology Corp SH7708 Datasheet HTML 249Page - Renesas Technology Corp SH7708 Datasheet HTML 250Page - Renesas Technology Corp SH7708 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 633 page
background image
229
10.3.2
Description of Areas
Area 0: Area 0 physical address bits A28–A26 are 000. Address bits A31–A29 are ignored and
the address range is H'00000000 + H'20000000
× n – H'03FFFFFF + H'20000000 × n (n = 0–6, n
= 1–6 is the shadow space).
Normal memories such as SRAM, ROM, and burst ROM can be connected to this space. Byte,
word, or longword can be selected as the bus width using external pins. MD3 and MD4 on a
power-on reset. For details, see Memory Size in section 10.1.5. When the Area 0 space is
accessed, the
CS0 signal is asserted. The RD signal that can be used as OE and the WE0–WE3
signals for write control are also asserted. The number of bus cycles is selected between 0 and 10
wait cycles using the A0W2–A0W0 bits in WCR2. Also, any number of waits can be inserted in
each bus cycle by means of the external wait pin (
WAIT). When the burst function is used, the bus
cycle pitch of the burst cycle is determined within a range of 2–10 according to the number of
waits.
Area 1: Area 1 physical address bits A28–A26 are 001. Address bits A31–A29 are ignored and
the address range is H'04000000 + H'20000000
× n – H'07FFFFFF + H'20000000 × n (n = 0–6, n
= 1–6 is the shadow space).
Only normal memories like SRAM and ROM can be connected to this space. Byte, word, or
longword can be selected as the bus width using the A1SZ1–A1SZ0 bits in BCR2. When the Area
1 space is accessed, the
CS1 signal is asserted. The RD signal that can be used as OE and the
WE0–WE3 signals for write control are also asserted. The number of bus cycles is selected
between 0 and 3 wait cycles using the A12W1–A12W0 bits in WCR2. Also, any number of waits
can be inserted in each bus cycle by means of the external wait pin (
WAIT).
Area 2: Area 2 physical address bits A28–A26 are 010. Address bits A31–A29 are ignored and
the address range is H'08000000 + H'20000000
× n – H'0BFFFFFF + H'20000000 × n (n = 0–6, n
= 1–6 is the shadow space).
Normal memories like SRAM and ROM, as well as DRAM and synchronous DRAM, can be
connected to this space. Byte, word, or longword can be selected as the bus width using the
A2SZ1–A2SZ0 bits in BCR2 for normal memory. For synchronous DRAM, set longword using
the SZ bit in MCR. When DRAM is connected to area 2, the bus width is fixed at 16 bits. The bus
width for area 3 also needs to be 16 bits.
When the area 2 space is accessed, the
CS2 signal is asserted. When normal memories are
connected, the
RD signal that can be used as OE and the WE0–WE3 signals for write control are
also asserted and the number of bus cycles is selected between 0 and 3 wait cycles using the
A12W1 to A12W0 bits in WCR2. When normal memory is connected, only, any number of waits
can be inserted in each bus cycle by means of the external wait pin (
WAIT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com