Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 246Page - Renesas Technology Corp SH7708 Datasheet HTML 247Page - Renesas Technology Corp SH7708 Datasheet HTML 248Page - Renesas Technology Corp SH7708 Datasheet HTML 249Page - Renesas Technology Corp SH7708 Datasheet HTML 250Page - Renesas Technology Corp SH7708 Datasheet HTML 251Page - Renesas Technology Corp SH7708 Datasheet HTML 252Page - Renesas Technology Corp SH7708 Datasheet HTML 253Page - Renesas Technology Corp SH7708 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 633 page
background image
232
The number of bus cycles is selected between 0 and 10 wait cycles using the A6W2–A6W0 bits in
WCR2. Also, any number of waits can be inserted in each bus cycle by means of the external wait
pin (
WAIT). When the burst function is used, the bus cycle pitch of the burst cycle is determined
within a range of 2–10 according to the number of waits. The setup and hold times of
address/
CE1B/CE2B for the read/write strobe signals can be set within a range of 0.5–3.5 cycles
using A6TED1–A6TED0 and A6TEH1–A6TEH0.
If PCMCIA is used in area 6, synchronous DRAM is used at the same time, and a synchronous
DRAM auto-refresh (CAS-before-RAS refresh) request is issued simultaneously, area 6 card
enable signals
CS6 and CE2B may be asserted earlier than usual, at the same time as the
immediately preceding auto-refresh cycle. When both PCMCIA and synchronous DRAM are
used, they should be used in area 5. When area 5 is used, the system design should provide for CS
to be asserted early without causing any problems.
10.3.3
Basic Interface
Basic Timing: The basic interface of the SH7708 Series uses strobe signal output because mainly
SRAM will be directly connected. Figure 10.6 shows the basic timing of normal space accesses. A
no-wait normal access is completed in two cycles. The
BS signal is asserted for one cycle to
indicate the start of a bus cycle. The
CSn signal is negated on the T2 clock falling edge to secure
the negation period. Therefore, at minimum pitch, there is a half-cycle negation period.
There is no access size specification when reading. The correct access start address is output in the
least significant bit of the address, but since there is no access size specification, 32 bits are always
read in a 32-bit device, and 16 bits in a 16-bit device. When writing, only the
WE signal for the
byte to be written is asserted. For details, see section 10.3.1, Endian/Access Size and Data
Alignment.
Read/write for cache fill or copy-back follows the set bus width and transfers a total of 16 bytes
continuously. The bus is not released during this transfer. For cache misses that occur during byte
or word operand accesses or branching to odd word boundaries, the fill is always performed by
longword accesses on the chip-external interface. Write-through area write access and
noncacheable read/write access is based on the actual address size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com