Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 258Page - Renesas Technology Corp SH7708 Datasheet HTML 259Page - Renesas Technology Corp SH7708 Datasheet HTML 260Page - Renesas Technology Corp SH7708 Datasheet HTML 261Page - Renesas Technology Corp SH7708 Datasheet HTML 262Page - Renesas Technology Corp SH7708 Datasheet HTML 263Page - Renesas Technology Corp SH7708 Datasheet HTML 264Page - Renesas Technology Corp SH7708 Datasheet HTML 265Page - Renesas Technology Corp SH7708 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 633 page
background image
244
Wait State Control: As the clock frequency increases, it becomes impossible to complete all
states in one cycle as in basic access. Therefore, provision is made for state extension by using the
setting bits in WCR2, MCR, and DCR. The timing with state extension using these settings is
shown in figure 10.16. Up to four additional Tpc cycles (cycles used to secure the RAS precharge
time) can be inserted by means of the TPC bits in MCR and DCR. However, if there is a DRAM
access request immediately after an auto-refresh (CAS-before-RAS refresh), the interval until the
next assertion of RAS is 2 cycles, regardless of the values in MCR and DCR. The number of
cycles from
RAS assertion to CAS assertion can be set to between 1 and 4 by inserting Trw cycles
by means of the RCD bits in MCR and DCR. The number of cycles from
CAS assertion to the end
of the access can be varied between 1 and 3 according to the setting of A1–2W (1,0) or A3W (1,0)
in WCR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com