Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 262Page - Renesas Technology Corp SH7708 Datasheet HTML 263Page - Renesas Technology Corp SH7708 Datasheet HTML 264Page - Renesas Technology Corp SH7708 Datasheet HTML 265Page - Renesas Technology Corp SH7708 Datasheet HTML 266Page - Renesas Technology Corp SH7708 Datasheet HTML 267Page - Renesas Technology Corp SH7708 Datasheet HTML 268Page - Renesas Technology Corp SH7708 Datasheet HTML 269Page - Renesas Technology Corp SH7708 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 633 page
background image
248
EDO Mode: In DRAM, an extended data out (EDO) mode is also provided in which, once the
CAS signal is asserted while the RAS signal is asserted, even if the CAS signal is negated, data is
output to the data bus until the
CAS signal is next asserted. (This is in addition to the mode in
which data is output to the data bus only while the
CAS signal is asserted in a data read cycle.) In
the SH7708 Series, the EDO mode bit (EDOMODE) in MCR enables selection, for area 3 DRAM
only, of either normal access/burst access using high-speed page mode or EDO mode normal
access/burst access. EDO mode normal access is shown in figure 10.18, and burst access in figure
10.19.
In EDO mode, the timing for data output to the data bus in a read cycle is extended as far as the
next assertion of the
CAS signal. This delays the data latch timing by 1/2 cycle to the rising edge
of the CKIO clock, enabling the DRAM access time to be increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com