Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 265Page - Renesas Technology Corp SH7708 Datasheet HTML 266Page - Renesas Technology Corp SH7708 Datasheet HTML 267Page - Renesas Technology Corp SH7708 Datasheet HTML 268Page - Renesas Technology Corp SH7708 Datasheet HTML 269Page - Renesas Technology Corp SH7708 Datasheet HTML 270Page - Renesas Technology Corp SH7708 Datasheet HTML 271Page - Renesas Technology Corp SH7708 Datasheet HTML 272Page - Renesas Technology Corp SH7708 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 633 page
background image
251
Refresh Timing: The bus state controller includes a function for controlling DRAM refreshing.
Refreshing using a CAS-before-RAS cycle can be performed by clearing the RMODE bit to 0 and
setting the RFSH bit to 1 in MCR for area 3 DRAM, or by clearing the RMODE bit to 0 and
setting the RFSH bit to 1 in DCR for area 2 DRAM. It also supports self-refresh mode.
When CAS-before-RAS refresh cycles are executed, refreshing is performed at intervals
determined by the input clock selected by bits CKS2–CKS0 in RTCSR, and the value set in
RTCOR. The value of bits CKS2–CKS0 in RTCOR should be set so as to satisfy the stipulation
for the DRAM refresh interval. First make the settings for RTCOR, RTCNT, and the RMODE and
RFSH bits in MCR, then make the CKS2–CKS0 setting. When the clock is selected by CKS2 to
CKS0, RTCNT starts counting up from the value at that time. The RTCNT value is constantly
compared with the RTCOR value, and if the two values are the same, a refresh request is
generated and the
IRQOUT pin goes low. If the SH7708 Series’ external bus can be used, CAS-
before-RAS refreshing is performed, and if there is no other interrupt request the
IRQOUT pin
goes high. At the same time, RTCNT is cleared to zero and the count-up is restarted. Figure 10.20
shows the operation of CAS-before-RAS refreshing.
RTCOR value
RTCNT
H'00000000
RTCSR.CKS(2–0)
CMF
External bus
CMF flag cleared by start of
refresh cycle
= 000
≠ 000
RTCNT cleared to 0 when
RTCNT = RTCOR
CAS-before-RAS refresh cycle
Time
Figure 10.20 CAS-Before-RAS Refresh Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com