Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 269Page - Renesas Technology Corp SH7708 Datasheet HTML 270Page - Renesas Technology Corp SH7708 Datasheet HTML 271Page - Renesas Technology Corp SH7708 Datasheet HTML 272Page - Renesas Technology Corp SH7708 Datasheet HTML 273Page - Renesas Technology Corp SH7708 Datasheet HTML 274Page - Renesas Technology Corp SH7708 Datasheet HTML 275Page - Renesas Technology Corp SH7708 Datasheet HTML 276Page - Renesas Technology Corp SH7708 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 633 page
background image
255
10.3.5
Synchronous DRAM Interface
Synchronous DRAM Direct Connection: Since synchronous DRAM can be selected by the
CS
signal, physical space areas 2 and 3 can be connected using
RAS and other control signals in
common. If the memory type bits (DRAMTP2–DRAMTP0) in BCR1 are set to 010, area 2 is
normal memory space and area 3 is synchronous DRAM space; if set to 011, areas 2 and 3 are
both synchronous DRAM space.
With the SH7708 Series, burst length 1 burst read/single write mode is supported as the
synchronous DRAM operating mode. The data bus width is fixed at 32 bits, and the size bit (SZ)
in MCR must be set to 1. The burst enable bit (BE) in MCR is ignored, a16-bit burst transfer is
performed in a cache fill/copy-back cycle, and only one access is performed in a write-through
area write or a noncacheable area read/write.
The control signals for direct connection of synchronous DRAM are
RAS, CAS, RD/WR, CS2 or
CS3, DQMUU, DQMUL, DQMLU, DQMLL, and CKE. All the signals other than CS2 and CS3
are common to all areas, and signals other than CKE are valid and fetched to the synchronous
DRAM only when
CS2 or CS3 is asserted. Synchronous DRAM can therefore be connected in
parallel to a number of areas. CKE is negated (low) only when self-refreshing is performed,
otherwise it is asserted (high).
Commands for synchronous DRAM are specified by
RAS, CAS, RD/WR, and special address
signals. The commands are NOP, auto-refresh (REF), self-refresh (SELF), precharge all banks
(PALL), precharge specified bank (P RE), row address strobe bank active (ACTV), read (READ),
read with precharge (READA), write (WRIT), write with precharge (WRITA), and mode register
write (MRS).
Byte specification is performed by DQMUU, DQMUL, DQMLU, and DQMLL. A read/write is
performed for the byte for which the corresponding DQM is low. In big-endian mode, DQMUU
specifies an access to address 4n, and DQMLL specifies an access to address 4n + 3. In little-
endian mode, DQMUU specifies an access to address 4n + 3, and DQMLL specifies an access to
address 4n.
Figure 10.23 shows an example of the connection of 256k
× 16-bit synchronous DRAMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com