Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 267Page - Renesas Technology Corp SH7708 Datasheet HTML 268Page - Renesas Technology Corp SH7708 Datasheet HTML 269Page - Renesas Technology Corp SH7708 Datasheet HTML 270Page - Renesas Technology Corp SH7708 Datasheet HTML 271Page - Renesas Technology Corp SH7708 Datasheet HTML 272Page - Renesas Technology Corp SH7708 Datasheet HTML 273Page - Renesas Technology Corp SH7708 Datasheet HTML 274Page - Renesas Technology Corp SH7708 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 633 page
background image
253
1. Normally, set the refresh counter count value to the optimum value for the L version (e.g. 1024
cycles/128 ms).
2. When a transition is made to self-refreshing:
a. Provide an interrupt handler to restore the refresh counter count value to the optimum value
for the L version (e.g. 1024 cycles/128 ms) when a refresh counter overflow interrupt is
generated.
b. Reset the refresh counter count value to the requested short cycle (e.g. 1024 cycles/16 ms),
set refresh controller overflow interruption, and clear the refresh count register (RFCR) to
0.
c. Set self-refresh mode.
This procedure causes refreshing immediately following a self-refresh to occur in a short cycle.
When adequate refreshing ends, an interrupt is generated and the setting can be restored to the
original refresh cycle.
CAS-before-RAS refreshing is performed in normal operation, in sleep mode, and in a manual
reset.
Self-refreshing is performed in normal operation, in sleep mode, in standby mode, and in a manual
reset.
When the bus has been released in response to a bus arbitration request, or when a transition is
made to standby mode, signals generally become high-impedance. Controlling the
RAS and CAS
signals to become high-impedance or continue to be output is performed with the HIZCNT bit in
BCR1. This enables the DRAM to be kept in the self-refreshing state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com