Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 299Page - Renesas Technology Corp SH7708 Datasheet HTML 300Page - Renesas Technology Corp SH7708 Datasheet HTML 301Page - Renesas Technology Corp SH7708 Datasheet HTML 302Page - Renesas Technology Corp SH7708 Datasheet HTML 303Page - Renesas Technology Corp SH7708 Datasheet HTML 304Page - Renesas Technology Corp SH7708 Datasheet HTML 305Page - Renesas Technology Corp SH7708 Datasheet HTML 306Page - Renesas Technology Corp SH7708 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 633 page
background image
285
Memory Card Interface Basic Timing: Figure 10.42 shows the basic timing for the PCMCIA IC
memory card interface. When physical space areas 5 and 6 are designated as PCMCIA interface
areas, bus accesses are automatically performed as IC memory card interface accesses when the
lower address 32 Mbyte space of each area is accessed.
With a high external bus frequency (CKIO), the setup and hold times for the address (A24–A0),
card enable (
CS5, CE2A, CS6, CE2B), and write data (D15–D0) in a write cycle, become
insufficient with respect to
RD and WR (the WE1 pin in the SH7708 Series). The SH7708 Series
provides for this by enabling setup and hold times to be set for physical space areas 5 and 6 in the
PCR register. Also, software waits by means of a WCR2 register setting and hardware waits by
means of the
WAIT pin can be inserted in the same way as for the basic interface. WAIT is a
synchronous signal. Figure 10.43 shows the PCMCIA memory bus wait timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com