Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 297Page - Renesas Technology Corp SH7708 Datasheet HTML 298Page - Renesas Technology Corp SH7708 Datasheet HTML 299Page - Renesas Technology Corp SH7708 Datasheet HTML 300Page - Renesas Technology Corp SH7708 Datasheet HTML 301Page - Renesas Technology Corp SH7708 Datasheet HTML 302Page - Renesas Technology Corp SH7708 Datasheet HTML 303Page - Renesas Technology Corp SH7708 Datasheet HTML 304Page - Renesas Technology Corp SH7708 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 633 page
background image
283
10.3.8
PCMCIA Interface
In the SH7708 Series, setting the A5PCM bit in BCR1 to 1 makes the bus interface for physical
space area 5 an IC memory card interface as stipulated in JEIDA version 4.2 (PCMCIA2.1).
Setting the A6PCM bit to 1 makes the bus interface for physical space area 6 an IC memory card
and I/O card interface as stipulated in JEIDA version 4.2. When the IC memory card interface is
selected, a BCR1 register setting enables page mode burst access mode to be used. This burst
access mode is not stipulated in JEIDA version 4.2, but allows high-speed data access using ROM
provided with a burst mode, etc.
When the PCMCIA interface is used, a bus size of 8 or 16 bits can be set by bits A5SZ1 and
A5SZ0, or A6SZ1 and A6SZ0, in BCR2.
Figure 10.41 shows an example of PCMCIA card connection to the SH7708 Series. To enable
active insertion of the PCMCIA cards (i.e. insertion or removal while system power is being
supplied), a 3-state buffer must be connected between the SH7708 Series’s bus interface and the
PCMCIA cards.
As operation in big-endian mode is not explicitly stipulated in the JEIDA/PCMCIA specifications,
the PCMCIA interface for the SH7708 Series in big-endian mode is stipulated independently.
If PCMCIA is used in area 6, synchronous DRAM is used at the same time, and a synchronous
DRAM auto-refresh (CAS-before-RAS refresh) request is issued simultaneously, area 6 card
enable signals
CS6 and CE2B may be asserted earlier than usual, at the same time as the
immediately preceding auto-refresh cycle. When both PCMCIA and synchronous DRAM are
used, they should be used in area 5. When area 5 is used, the system design should provide for CS
to be asserted early without causing any problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com