Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 294Page - Renesas Technology Corp SH7708 Datasheet HTML 295Page - Renesas Technology Corp SH7708 Datasheet HTML 296Page - Renesas Technology Corp SH7708 Datasheet HTML 297Page - Renesas Technology Corp SH7708 Datasheet HTML 298Page - Renesas Technology Corp SH7708 Datasheet HTML 299Page - Renesas Technology Corp SH7708 Datasheet HTML 300Page - Renesas Technology Corp SH7708 Datasheet HTML 301Page - Renesas Technology Corp SH7708 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 633 page
background image
280
10.3.7
Burst ROM Interface
Setting bits A0BST (1,0), A5BST (1,0), and A6BST (1,0) in BCR1 to a non-zero value allows
burst ROM to be connected to areas 0, 5, and 6. The burst ROM interface provides high-speed
access to ROM that has a nibble access function. The timing for nibble access to burst ROM is
shown in figure 10.39. Two wait cycles are set. Basically, access is performed in the same way as
for normal space, but when the first cycle ends, the
CS0 signal is not negated, and only the address
is changed before the next access is executed. When 8-bit ROM is connected, the number of
consecutive accesses can be set as 4, 8, or 16 by bits A0BST (1,0), A5BST (1,0), or A6BST (1,0).
When 16-bit ROM is connected, 4 or 8 can be set in the same way. When 32-bit ROM is
connected, only 4 can be set.
WAIT pin sampling is performed in the first access if one or more wait states are set, and is
always performed in the second and subsequent accesses.
WAIT is a synchronous signal.
The second and subsequent access cycles also comprise two cycles when a burst ROM setting is
made and the wait specification is 0. The timing in this case is shown in figure 10.40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com