Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 292Page - Renesas Technology Corp SH7708 Datasheet HTML 293Page - Renesas Technology Corp SH7708 Datasheet HTML 294Page - Renesas Technology Corp SH7708 Datasheet HTML 295Page - Renesas Technology Corp SH7708 Datasheet HTML 296Page - Renesas Technology Corp SH7708 Datasheet HTML 297Page - Renesas Technology Corp SH7708 Datasheet HTML 298Page - Renesas Technology Corp SH7708 Datasheet HTML 299Page - Renesas Technology Corp SH7708 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 633 page
background image
278
Refreshing: The bus state controller includes a function for controlling pseudo-SRAM refreshing.
Distributed refreshing by means of auto-refresh cycles can be performed by clearing the RMODE
bit to 0 and setting the RFSH bit to 1 in MCR.
Refreshing is performed at intervals determined by the input clock selected by bits CKS2–CKS0
in RTCSR, and the value set in RTCOR. The value of bits CKS2–CKS0 in RTCOR should be set
so as to satisfy the refresh interval stipulation for the pseudo-SRAM used. First set the RTCOR,
RTCNT, and the RMODE and RFSH bits in MCR, then set the CKS2–CKS0. When the clock is
selected by CKS2–CKS0, RTCNT starts counting up from the value at that time. The RTCNT
value is constantly compared with the RTCOR value, and if the two values are the same, a refresh
request is generated and an auto-refresh is performed. At the same time, RTCNT is cleared to zero
and the count-up is restarted. Figure 10.37 shows the auto-refresh cycle timing.
The number of
OE assert cycles for auto-refreshing is specified by the TRAS bits in MCR. The
precharge time from
OE negation until the next assertion of CE is determined by the setting of the
TPC bits in MCR.
Auto-refreshing is performed in normal operation, in sleep mode, and in a manual reset.
CKIO
TRc
CE
OE/RFSH
TRr1
TRr2
(Tpc)
Figure 10.37 Pseudo-SRAM Auto-Refreshing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com