Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 293Page - Renesas Technology Corp SH7708 Datasheet HTML 294Page - Renesas Technology Corp SH7708 Datasheet HTML 295Page - Renesas Technology Corp SH7708 Datasheet HTML 296Page - Renesas Technology Corp SH7708 Datasheet HTML 297Page - Renesas Technology Corp SH7708 Datasheet HTML 298Page - Renesas Technology Corp SH7708 Datasheet HTML 299Page - Renesas Technology Corp SH7708 Datasheet HTML 300Page - Renesas Technology Corp SH7708 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 633 page
background image
279
With pseudo-SRAM, self-refresh mode is entered by holding the
RFSH signal low for at least the
prescribed time. Self-refreshing is activated by setting both the RMODE bit and the RFSH bit to 1.
The self-refresh state is maintained while the CKE signal is low. Pseudo-SRAM cannot be
accessed while in self-refresh state. Self-refresh mode is cleared by clearing the RMODE bit to 0.
After self-refresh mode has been cleared, access to pseudo-SRAM is disabled for the number of
cycles specified by the TPC bits in MCR, but if the refresh reset time needed to return from self-
refreshing is longer than this interval, coding must be provided to ensure that no access—
including auto-refresh—is made to pseudo-SRAM. Self-refresh timing is shown in figure 10.38.
Settings must be made so that self-refresh clearing and data retention is performed correctly after
self-refresh mode is cleared, and auto-refreshing is performed at the correct intervals. If the
transition from clearing of self-refresh mode to the start of auto-refreshing takes time, this time
should be taken into consideration when setting the initial value of RTCNT.
Self-refreshing is performed in normal operation, in sleep mode, in standby mode, and in a manual
reset.
CKIO
TRc
CE
OE/RFSH
TRr1
TSR
TSR2
(Tpc)
(Tpc)
(High)
Figure 10.38 Pseudo-SRAM Self-Refreshing
Power-On Sequence: After powering pseudo-SRAM on, a minimum wait time of 100 µs is
requested during which no access can be performed, followed by the prescribed number (usually 8
or more) of dummy auto-refresh cycles. As the bus state controller does not perform any special
operations for a power-on reset, the power-on sequence must be carried out by the initialization
program executed after a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com