Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 290Page - Renesas Technology Corp SH7708 Datasheet HTML 291Page - Renesas Technology Corp SH7708 Datasheet HTML 292Page - Renesas Technology Corp SH7708 Datasheet HTML 293Page - Renesas Technology Corp SH7708 Datasheet HTML 294Page - Renesas Technology Corp SH7708 Datasheet HTML 295Page - Renesas Technology Corp SH7708 Datasheet HTML 296Page - Renesas Technology Corp SH7708 Datasheet HTML 297Page - Renesas Technology Corp SH7708 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 633 page
background image
276
Burst Access: In addition to the normal access mode in which
CE is asserted and negated in each
access, some pseudo-SRAMs are provided with a static column mode for the case where
consecutive accesses are made to the same row address. This mode allows fast access to data by
keeping
CE asserted and changing only the column address. Normal access or burst access using
static column mode can be selected by means of the burst enable (BE) bit in MCR. The timing for
burst access in static column mode is shown in figure 10.36. Cycles can also be inserted by the
wait state control function when burst access is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com