Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 288Page - Renesas Technology Corp SH7708 Datasheet HTML 289Page - Renesas Technology Corp SH7708 Datasheet HTML 290Page - Renesas Technology Corp SH7708 Datasheet HTML 291Page - Renesas Technology Corp SH7708 Datasheet HTML 292Page - Renesas Technology Corp SH7708 Datasheet HTML 293Page - Renesas Technology Corp SH7708 Datasheet HTML 294Page - Renesas Technology Corp SH7708 Datasheet HTML 295Page - Renesas Technology Corp SH7708 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 633 page
background image
274
Wait State Control: As the clock frequency increases, it becomes impossible to complete all
states in one cycle as in basic access. Therefore, provision is made for state extension by using the
setting bits in WCR2 and MCR. The timing with state extension using these settings is shown in
figure 10.35. Additional Tpc cycles (cycles used to secure the
CE precharge time) can be inserted
by means of the TPC bits in MCR. The number of
OE and WEn assert cycles from RAS assertion
to CAS assertion can be varied between 1 and 3 according to the setting of A3W1 and A3W0 in
WCR2. Trw cycles can be inserted by means of the RCD bits in MCR, and the number of cycles
from
CE assertion to BS assertion and write data output can be varied between 1 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com