Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 285Page - Renesas Technology Corp SH7708 Datasheet HTML 286Page - Renesas Technology Corp SH7708 Datasheet HTML 287Page - Renesas Technology Corp SH7708 Datasheet HTML 288Page - Renesas Technology Corp SH7708 Datasheet HTML 289Page - Renesas Technology Corp SH7708 Datasheet HTML 290Page - Renesas Technology Corp SH7708 Datasheet HTML 291Page - Renesas Technology Corp SH7708 Datasheet HTML 292Page - Renesas Technology Corp SH7708 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 633 page
background image
271
10.3.6
Pseudo-SRAM Direct Connection
When the memory type bits (DRAMTP2-0) in BCR1 are set to 001, physical space area 3
becomes pseudo-SRAM and the pseudo-SRAM interface function that allows pseudo-SRAM to be
connected directly to the SH7708 Series can be used. An interface data width of 16 or 32 bits can
be selected.
With directly connected pseudo-SRAM, the refresh signal and output enable signal are
multiplexed. The signals used for connection are
CE, OE/RFSH, WE3, WE2, WE1, and WE0.
WE3 and WE2 are not used with a 16-bit data width.
As access modes, burst access using the static column access function is supported in addition to
ordinary read/write access.
Figure 10.33 shows an example of connection of 4M pseudo-SRAMs with multiplexed
OE and
RFSH signals, using a 32-bit data width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com