Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 281Page - Renesas Technology Corp SH7708 Datasheet HTML 282Page - Renesas Technology Corp SH7708 Datasheet HTML 283Page - Renesas Technology Corp SH7708 Datasheet HTML 284Page - Renesas Technology Corp SH7708 Datasheet HTML 285Page - Renesas Technology Corp SH7708 Datasheet HTML 286Page - Renesas Technology Corp SH7708 Datasheet HTML 287Page - Renesas Technology Corp SH7708 Datasheet HTML 288Page - Renesas Technology Corp SH7708 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 633 page
background image
267
CKIO
CKE
CSn
RAS
CASxx
RD/
WR
TRr
TRrw
TRrw
(Tpc)
(Tpc)
Figure 10.30 Synchronous DRAM Auto-Refresh Timing
2. Self-Refreshing
Self-refresh mode is a kind of standby mode in which the refresh timing and refresh addresses are
generated within the synchronous DRAM. Self-refreshing is activated by setting both the RMODE
bit and the RFSH bit to 1. The self-refresh state is maintained while the CKE signal is low.
Synchronous DRAM cannot be accessed while in the self-refresh state. Self-refresh mode is
cleared by clearing the RMODE bit to 0. After self-refresh mode has been cleared, command
issuance is disabled for the number of cycles specified by the TPC bits in MCR. Self-refresh
timing is shown in figure 10.31. Settings must be made so that self-refresh clearing and data
retention are performed correctly, and auto-refreshing is performed at the correct intervals. When
self-refreshing is activated from the state in which auto-refreshing is set, or when exiting standby
mode other than through a power-on reset, auto-refreshing is restarted if RFSH is set to 1 and
RMODE is cleared to 0 when self-refresh mode is cleared. If the transition from clearing of self-
refresh mode to the start of auto-refreshing takes time, this time should be taken into consideration
when setting the initial value of RTCNT. Making the RTCNT value 1 less than the RTCOR value
will enable refreshing to be started immediately.
After self-refreshing has been set, the self-refresh state continues even if the chip standby state is
entered using the SH7708 Series’s standby function, and is maintained even after recovery from
standby mode other than through a power-on reset. For a power-on reset, the bus state controller’s
registers are initialized, thereby clearing the self-refresh state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com