Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 282Page - Renesas Technology Corp SH7708 Datasheet HTML 283Page - Renesas Technology Corp SH7708 Datasheet HTML 284Page - Renesas Technology Corp SH7708 Datasheet HTML 285Page - Renesas Technology Corp SH7708 Datasheet HTML 286Page - Renesas Technology Corp SH7708 Datasheet HTML 287Page - Renesas Technology Corp SH7708 Datasheet HTML 288Page - Renesas Technology Corp SH7708 Datasheet HTML 289Page - Renesas Technology Corp SH7708 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 633 page
background image
268
Self-refreshing is performed in normal operation, in sleep mode, in standby mode, and in a manual
reset.
CKIO
CKE
CSn
RAS
CASxx
TRs1
(TRs2)
(TRs2)
TRs3
(Tpc)
(Tpc)
RD/
WR
Figure 10.31 Synchronous DRAM Self-Refresh Timing
3. Relationship between refresh requests and bus cycle requests
If a refresh request is generated during execution of a bus cycle, execution of the refresh is
deferred until the bus cycle is completed. If a refresh request occurs when the bus has been
released by the bus arbiter, refresh execution is deferred until the bus is acquired. If a match
between RTCNT and RTCOR occurs while a refresh is waiting to be executed, thereby generating
a new refresh request, the previous refresh request is eliminated. To perform normal refreshing,
ensure that no bus cycle or bus mastership occurs that is longer than the refresh interval. When a
refresh request is generated, the
IRQOUT pin is asserted (driven low). Therefore, normal
refreshing can be performed by having the
IRQOUT pin monitored by a bus master other than the
SH7708 Series requesting the bus, or the bus arbiter, and returning the bus to the SH7708 Series.
When refreshing is started, and if no other interrupt request has been generated, the
IRQOUT pin
is negated (driven high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com