Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 280Page - Renesas Technology Corp SH7708 Datasheet HTML 281Page - Renesas Technology Corp SH7708 Datasheet HTML 282Page - Renesas Technology Corp SH7708 Datasheet HTML 283Page - Renesas Technology Corp SH7708 Datasheet HTML 284Page - Renesas Technology Corp SH7708 Datasheet HTML 285Page - Renesas Technology Corp SH7708 Datasheet HTML 286Page - Renesas Technology Corp SH7708 Datasheet HTML 287Page - Renesas Technology Corp SH7708 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 633 page
background image
266
Refreshing: The bus state controller is provided with a function for controlling synchronous
DRAM refreshing. Auto-refreshing can be performed by clearing the RMODE bit to 0 and setting
the RFSH bit to 1 in MCR. If synchronous DRAM is not accessed for a long period, self-refresh
mode, in which the power consumption for data retention is low, can be activated by setting both
the RMODE bit and the RFSH bit to 1.
1. Auto-Refreshing
Refreshing is performed at intervals determined by the input clock selected by bits CKS2–CKS0
in RTCSR, and the value set in RTCOR. The value of bits CKS2–CKS0 in RTCOR should be set
so as to satisfy the refresh interval stipulation for the synchronous DRAM used. First make the
settings for RTCOR, RTCNT, and the RMODE and RFSH bits in MCR, then make the CKS2 to
CKS0 setting. When the clock is selected by CKS2–CKS0, RTCNT starts counting up from the
value at that time. The RTCNT value is constantly compared with the RTCOR value, and if the
two values are the same, a refresh request is generated and an auto-refresh is performed. At the
same time, RTCNT is cleared to zero and the count-up is restarted. Figure 10.29 shows the auto
refresh operation. Figure 10.30 shows the auto-refresh cycle timing.
First, an REF command is issued in the TRr cycle. After the TRr cycle, new command output
cannot be performed for the duration of the number of cycles specified by the TRAS bits in MCR
plus the number of cycles specified by the TPC bits in MCR. The TRAS and TPC bits must be set
to satisfy the synchronous DRAM refresh cycle time stipulation (active/active command delay
time).
Auto-refreshing is performed in normal operation, in sleep mode, and in a manual reset.
RTCOR value
RTCNT
H'00000000
RTCSR.CKS(2–0)
CMF
External bus
CMF flag cleared by start of
refresh cycle
= 000
≠ 000
RTCNT cleared to 0 when
RTCNT = RTCOR
Auto-refresh cycle
Time
Figure 10.29 Auto-Refresh Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com