Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 329Page - Renesas Technology Corp SH7708 Datasheet HTML 330Page - Renesas Technology Corp SH7708 Datasheet HTML 331Page - Renesas Technology Corp SH7708 Datasheet HTML 332Page - Renesas Technology Corp SH7708 Datasheet HTML 333Page - Renesas Technology Corp SH7708 Datasheet HTML 334Page - Renesas Technology Corp SH7708 Datasheet HTML 335Page - Renesas Technology Corp SH7708 Datasheet HTML 336Page - Renesas Technology Corp SH7708 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 633 page
background image
315
P
φ
External
clock input
pin
TCNT
input clock
TCNT
N + 1
N
N – 1
Figure 11.5 Count Timing when External Clock Is Operating (Both Edges Detected)
• On-Chip RTC Clock Operation: Set the TPSC2–TPSC0 bits in TCR to select the on-chip RTC
clock as the timer clock. Figure 11.6 shows the timing.
RTC output
clock
TCNT
TCNT input
clock
N + 1
N
N – 1
Figure 11.6 Count Timing when On-Chip RTC Clock Is Operating
Input Capture Function: Channel 2 has an input capture function (figure 11.7). When using the
input capture function, set the TCLK pin to input mode with the TCOE bit in the timer output
control register (TOCR) and set the timer operation clock to internal clock or on-chip RTC clock
with the TPCS2–TPCS0 bits in the timer control register (TCR). Also, designate use of the input
capture function and whether to generate interrupts on using it with the IPCE1–IPCE0 bits in
TCR, and designate the use of either the rising or falling edge of the TCLK pin to set the timer
counter (TNCT) value into the input capture register (TCPR) with the CKEG1–CKEG0 bits in
TCR.
The input capture function cannot be used in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com