Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 326Page - Renesas Technology Corp SH7708 Datasheet HTML 327Page - Renesas Technology Corp SH7708 Datasheet HTML 328Page - Renesas Technology Corp SH7708 Datasheet HTML 329Page - Renesas Technology Corp SH7708 Datasheet HTML 330Page - Renesas Technology Corp SH7708 Datasheet HTML 331Page - Renesas Technology Corp SH7708 Datasheet HTML 332Page - Renesas Technology Corp SH7708 Datasheet HTML 333Page - Renesas Technology Corp SH7708 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 633 page
background image
312
11.3
TMU Operation
11.3.1
Overview
Each of the three channels has a 32-bit timer counter (TCNT) and a 32-bit timer constant register.
The TCNT counts down. The auto-reload function enables synchronized counting and counting by
external events. Channel 2 has an input capture function.
11.3.2
Basic Functions
Counter Operation: When the STR0–STR2 bits in the timer start register (TSTR) are set, the
corresponding timer counter (TCNT) starts counting. When a TCNT underflows (H'00000000
→
H'FFFFFFFF), the UNF flag of the corresponding timer control register (TCR) is set. At this time,
if the UNIE bit in TCR is 1, an interrupt request is sent to the CPU. Also at this time, the value is
copied from TCOR to TCNT and the down-count operation is continued.
The count operation is set as follows (figure 11.2):
1. Select the counter clock with the TPSC2–TPSC0 bits in the timer control register (TCR). If the
external clock is selected, set the TCLK pin to input mode with the TOCE bit in TOCR, and
select its edge with the CKEG1 and CKEG0 bits in TCR.
2. Use the UNIE bit in TCR to set whether to generate an interrupt when TCNT underflows.
3. When using the input capture function, set the ICPE bits in TCR, including the choice of
whether or not to use the interrupt function (channel 2 only).
4. Set a value in the timer constant register (TCOR) (the cycle is the set value plus 1).
5. Set the initial value in the timer counter (TCNT).
6. Set the STR bit in the timer start register (TSTR) to 1 to start operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com