Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 324Page - Renesas Technology Corp SH7708 Datasheet HTML 325Page - Renesas Technology Corp SH7708 Datasheet HTML 326Page - Renesas Technology Corp SH7708 Datasheet HTML 327Page - Renesas Technology Corp SH7708 Datasheet HTML 328Page - Renesas Technology Corp SH7708 Datasheet HTML 329Page - Renesas Technology Corp SH7708 Datasheet HTML 330Page - Renesas Technology Corp SH7708 Datasheet HTML 331Page - Renesas Technology Corp SH7708 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 633 page
background image
310
11.2.5
Timer Counters (TCNT)
The timer counters are 32-bit read/write registers. The TMU has three timer counters, one for each
channel.
TCNT counts down upon input of a clock. The clock input is selected using the TPSC2–TPSC0
bits in the timer control register (TCR).
When a TCNT count-down results in an underflow (H'00000000
→ H'FFFFFFFF), the underflow
flag (UNF) in the timer control register (TCR) of the relevant channel is set. The TCOR value is
simultaneously set in TCNT itself and the count-down continues from that value.
Because the internal bus for the SH7708 Series on-chip supporting modules is 16 bits wide, a time
lag can occur between the time when the upper 16 bits and lower 16 bits are read. Since TCNT
counts sequentially, this time lag can create discrepancies between the data in the upper and lower
halves. To correct the discrepancy, a buffer register is connected to TCNT so that upper and lower
halves are not read separately. The entire 32-bit data in TCNT can thus be read at once.
TCNT is initialized to H'FFFFFFFF by a power-on reset or manual reset. In standby mode, when
the PLL1 multiplication factor is changed in clock mode 0, 1, 2, or 7, or when the MSTP2 bit is
set to 1 in STBCR, TCNT retains its contents when the input clock selected for the channel is an
external clock (TCLK) or the peripheral clock (Pø), and continues operating when the selected
clock is the on-chip RTC output clock (RTCCLK).
TCNT:
Bit:
31
30
29
28
27
26
25
24
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
19
18
17
16
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com