Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 320Page - Renesas Technology Corp SH7708 Datasheet HTML 321Page - Renesas Technology Corp SH7708 Datasheet HTML 322Page - Renesas Technology Corp SH7708 Datasheet HTML 323Page - Renesas Technology Corp SH7708 Datasheet HTML 324Page - Renesas Technology Corp SH7708 Datasheet HTML 325Page - Renesas Technology Corp SH7708 Datasheet HTML 326Page - Renesas Technology Corp SH7708 Datasheet HTML 327Page - Renesas Technology Corp SH7708 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 633 page
background image
306
11.2.3
Timer Control Register (TCR)
The timer control registers (TCR) control the timer counters (TCNT) and interrupts. The TMU has
three TCR, registers one for each channel.
The TCR registers are 16-bit read/write registers that control the issuance of interrupts when the
flag indicating timer counter (TCNT) underflow has been set to 1, and also carry out counter clock
selection. When the external clock has been selected, they also select its edge. Additionally, TCR2
controls the channel 2 input capture function and the issuance of interrupts during input capture.
The TCRs are initialized to H'0000 by a power-on reset and manual reset. In standby mode, when
the PLL1 multiplication factor is changed in clock mode 0, 1, 2, or 7, or when the MSTP2 bit is
set to 1 in STBCR, the TCRs retain their contents when the input clock selected for the channel is
an external clock (TCLK) or the peripheral clock (Pø), and continue operating when the selected
clock is the on-chip RTC output clock (RTCCLK).
Channel 0 and 1 TCR Bit Configuration:
Bit:
15
14
13
12
11
10
9
8
Bit name:
—
—
—
—
—
—
—
UNF
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
UNIE
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Channel 2 TCR Bit Configuration:
Bit:
15
14
13
12
11
10
9
8
Bit name:
—
—
—
—
—
—
ICPF
UNF
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
ICPE1
ICPE0
UNIE
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com