Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 322Page - Renesas Technology Corp SH7708 Datasheet HTML 323Page - Renesas Technology Corp SH7708 Datasheet HTML 324Page - Renesas Technology Corp SH7708 Datasheet HTML 325Page - Renesas Technology Corp SH7708 Datasheet HTML 326Page - Renesas Technology Corp SH7708 Datasheet HTML 327Page - Renesas Technology Corp SH7708 Datasheet HTML 328Page - Renesas Technology Corp SH7708 Datasheet HTML 329Page - Renesas Technology Corp SH7708 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 633 page
background image
308
Bit 5—Underflow Interrupt Control (UNIE): Controls enabling of interrupt generation when the
status flag (UNF) indicating TCNT underflow has been set to 1.
Bit 5: UNIE
Description
0
Interrupts due to UNF (TUNI) are not enabled.
(Initial value)
1
Interrupts due to UNF (TUNI) are enabled.
Bits 4 and 3—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select the external clock edge
when the external clock is selected, or when the input capture function is used.
Bit 4: CKEG1
Bit 3: CKEG0
Description
0
0
Count/capture register set on rising edge
(Initial value)
1
Count/capture register set on falling edge
1
—
Count/capture register set on both rising and falling edge
Bits 2 to 0—Timer Prescalers 2–0 (TPSC2–TPSC0): These bits select the TCNT count clock.
Bit 2: TPSC2
Bit 1: TPSC1
Bit 0: TPSC0
Description
0
0
0
Internal clock: count on P
φ/4
(Initial value)
1
Internal clock: count on P
φ/16
1
0
Internal clock: count on P
φ/64
1
Internal clock: count on P
φ/256
1
0
0
Internal clock: count on clock output of on-chip
RTC (RTCCLK)
1
External clock: count on TCLK pin input
1
0
Reserved ( Do not set)
1
Reserved (Do not set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com