Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp SH7708 Datasheet HTML 320Page - Renesas Technology Corp SH7708 Datasheet HTML 321Page - Renesas Technology Corp SH7708 Datasheet HTML 322Page - Renesas Technology Corp SH7708 Datasheet HTML 323Page - Renesas Technology Corp SH7708 Datasheet HTML 324Page - Renesas Technology Corp SH7708 Datasheet HTML 325Page - Renesas Technology Corp SH7708 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 633 page
background image
304
11.2
TMU Registers
11.2.1
Timer Output Control Register (TOCR)
TOCR is an 8-bit read/write register that selects whether to use the external TCLK pin as an
external clock or an input capture control usage input pin, or an output pin for the on-chip RTC
output clock. TOCR is initialized to H'00 by a power-on reset or manual reset, but is not initialized
in standby mode, and its contents are retained.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
—
—
—
—
—
—
TCOE
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bits 7 to 1—Reserved: These bits always read 0. The write value should always be 0.
Bit 0—Timer Clock Pin Control (TCOE): Selects use of the timer clock pin (TCLK) as an external
clock input pin or input pin for input capture control for the on-chip timer, or as an output pin for
the on-chip RTC output clock.
Bit 0: TCOE
Description
0
Timer clock pin (TCLK) used as external clock input or input capture control
input pin for the on-chip timer
(Initial value)
1
Timer clock pin (TCLK) used as output pin for on-chip RTC output clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com