Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 318 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 318 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 314Page - Renesas Technology Corp SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp SH7708 Datasheet HTML 320Page - Renesas Technology Corp SH7708 Datasheet HTML 321Page - Renesas Technology Corp SH7708 Datasheet HTML 322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 633 page
background image
300
10.4.5
Note on DRAM Connection for Areas 2 and 3
When area 2 or area 3 is connected to DRAM in the SH7708 or SH7708S, if a DRAM access
request occurs immediately after a CAS-before-RAS refresh, the RAS precharge cycle value (tPC)
always assumes its initial value regardless of the value set in MCR. Thus, the interval from RAS
negation to the next RAS assertion in CAS-before-RAS refreshing is a two-cycle output interval
(see figure below).
If a request does not immediately follow a CAS-before-RAS refresh, the number of RAS
precharge cycles set by the MCR value are secured.
Two cycles
RAS negation
in CAS-before-
RAS refreshing
RAS asserted by
next bus access
CKIO
RAS
Restriction: If a DRAM access request occurs immediately after a CAS-before-RAS refresh, the
interval from RAS negation to the next RAS assertion is two cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com