Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 313Page - Renesas Technology Corp SH7708 Datasheet HTML 314Page - Renesas Technology Corp SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp SH7708 Datasheet HTML 320Page - Renesas Technology Corp SH7708 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 633 page
background image
299
10.4.4
PCMCIA Area Access
In the SH7708 Series (SH7708, SH7708S, SH7708R), if an SDRAM auto-refresh (CAS-before-
RAS) request occurs during an area 6 PCMCIA area access, CS6 is simultaneously asserted, in
addition to the CS signal for the area to be accessed, when the auto-refresh is performed.
If the following specifications are made, CS3 and CS6 will be asserted simultaneously:
Area 3: SDRAM
Area 6: PCMCIA
CS6 remains asserted until the end of the following PCMCIA bus cycle.
PCMCIA area CS
(CS6) asserted
PCMCIA cycle
CS (CS3) asserted
in CAS-before-RAS
refresh
Auto-refresh
cycle
CKIO
CS3
RAS
BS
CS6
Restrictions: When using PCMCIA in area 6 and also using SDRAM, the area 6 CS signal (CS6)
may be asserted earlier than usual, at the same time as the preceding auto-refresh cycle.
Remedy: This anomaly occurs only in area 6. There is no problem with area 5.
Therefore, if use of both SDRAM and PCMCIA in the system is being considered, area 5 should
be used.
If area 6 is used, the system design should allow for CS to be asserted early without causing any
problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com