Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 310Page - Renesas Technology Corp SH7708 Datasheet HTML 311Page - Renesas Technology Corp SH7708 Datasheet HTML 312Page - Renesas Technology Corp SH7708 Datasheet HTML 313Page - Renesas Technology Corp SH7708 Datasheet HTML 314Page - Renesas Technology Corp SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 633 page
background image
296
T1
CKIO
CSm
CSn
A25 to A0
BS
RD/
WR
RD
D31 to D0
T2
Twait
T1
T2
Twait
T1
T2
Area m read
Area m inter-access wait specification
Area n inter-access wait specification
Area n space read
Area n space write
Figure 10.50 Waits between Access Cycles
10.3.10
Bus Arbitration
When a bus release request (
BREQ) is received from an external device, buses are released after
the bus cycle being executed is completed and a bus grant signal (
BACK) is output. The bus is not
released during burst transfers for cache fills. In the case of multiple bus cycles generated because
the data bus width is smaller than the access size—for example, in longword access to 8-bit-wide
memory—bus arbitration is not performed between bus cycles. At the negation of
BREQ, BACK
is negated and bus use is restarted. See Appendix B, Pin States, for the pin status when the bus is
released.
The SH7708 Series sometimes needs to retrieve a bus it has released. For example, when memory
generates a refresh request or an interrupt request internally, the SH7708 Series must perform the
appropriate processing. The SH7708 Series has a bus request signal (
IRQOUT) for this purpose.
When it must retrieve the bus, it asserts the
IRQOUT signal. Devices asserting an external bus
release request receive the assertion of the
IRQOUT signal and negate the BREQ signal to release
the bus. The SH7708 Series retrieves the bus and carries out the processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com