Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 311Page - Renesas Technology Corp SH7708 Datasheet HTML 312Page - Renesas Technology Corp SH7708 Datasheet HTML 313Page - Renesas Technology Corp SH7708 Datasheet HTML 314Page - Renesas Technology Corp SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 633 page
background image
297
IRQOUT Pin Assertion Conditions:
• When a memory refresh request has been generated but the refresh cycle has not yet begun
• When an interrupt is generated with an interrupt request level higher than the setting of the
interrupt mask bits (I3–I0) in the status register (SR). (This does not depend on the SR.BL bit.)
10.4
Usage Notes
10.4.1
Area 2 and 3 Bus Width Setting
Note the following concerning the SH7708 (not including the SH7708S and SH7708R).
When SDRAM, DRAM, or PSRAM is connected, cases such as the following can be envisaged in
which the contents of register BCR2, which sets the bus width of each area, and the MCR.SZ bits,
which set the bus width of SDRAM, DRAM, and PSRAM, are different.
• A setting other than 32 bits in the BCR2 register and MCR register when SDRAM is
connected
• A setting of 16 bits in the BCR2 register and 32 bits in the MCR register when DRAM is
connected in area 3 only
• A setting of 32 bits in the BCR2 register and 16 bits in the MCR register when DRAM is
connected in area 3 only
• A setting other than 16 bits in the BCR2 register and MCR register when DRAM is connected
in areas 2 and 3
• Different bus width settings in the BCR register and MCR register when PSRAM is connected
In these cases, one of the following settings should be made.
• When SDRAM is connected, use a 32-bit bus width setting in the BCR2 register and MCR
register.
• When DRAM is connected in area 3 only, use the same bus width setting (16 or 32 bits) in the
BCR2 register and MCR register.
• When DRAM is connected in areas 2 and 3, use a 16-bit bus width setting in the BCR2 register
and MCR register.
• When PSRAM is connected, use the same bus width setting (16 or 32 bits) in the BCR2
register and MCR register.
10.4.2
When Area 6 is Designated for PCMCIA, with a 16-Bit Bus Width
Note the following concerning the SH7708 Series (SH7708, SH7708S, SH7708R).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com