Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp SH7708 Datasheet HTML 320Page - Renesas Technology Corp SH7708 Datasheet HTML 321Page - Renesas Technology Corp SH7708 Datasheet HTML 322Page - Renesas Technology Corp SH7708 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 633 page
background image
301
Section 11 Timer (TMU)
11.1
Overview
The SH7708 Series uses a three-channel 32-bit timer unit (TMU).
11.1.1
Features
The TMU has the following features:
• Each channel is provided with an auto-reload 32-bit down counter
• Channel 2 is provided with an input capture function
• All channels are provided with 32-bit constant registers and 32-bit down counters that can be
read or written to at any time
• All channels generate interrupt requests when the 32-bit down counter underflows
(H'00000000
→ H'FFFFFFFF)
• Allows selection between 6 counter input clocks: External clock (TCLK), on-chip RTC output
clock (16 kHz), P
φ/4, Pφ/16, Pφ/64, Pφ/256. (Pφ is the internal clock for peripheral modules
and can be selected as 1/4, 1/2, or the same frequency as that of the CPU operating clock
φ.)
See section 9, On-Chip Oscillation Circuits, for more information on the clock pulse generator.
• All channels can operate when the SH7708 Series is in standby mode: When the RTC output
clock is being used as the counter input clock, the SH7708 Series is still able to count in
standby mode.
• Synchronized read: TCNT is a sequentially changing 32-bit register. Since the peripheral
module used has an internal bus width of 16 bits, a time lag can occur between the time when
the upper 16 bits and lower 16 bits are read. To correct the discrepancy in the counter read
value caused by this time lag, a synchronization circuit is built into the TCNT so that the entire
32-bit data in the TCNT can be read at once.
• The maximum operating frequency of the 32-bit counter is 2 MHz on all channels: Operate the
SH7708 Series so that the clock input to the timer counters of each channel (obtained by
dividing the external clock and internal clock with the prescaler) does not exceed the
maximum operating frequency.
11.1.2
Block Diagram
Figure 11.1 shows a block diagram of the TMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com