Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 312Page - Renesas Technology Corp SH7708 Datasheet HTML 313Page - Renesas Technology Corp SH7708 Datasheet HTML 314Page - Renesas Technology Corp SH7708 Datasheet HTML 315Page - Renesas Technology Corp SH7708 Datasheet HTML 316Page - Renesas Technology Corp SH7708 Datasheet HTML 317Page - Renesas Technology Corp SH7708 Datasheet HTML 318Page - Renesas Technology Corp SH7708 Datasheet HTML 319Page - Renesas Technology Corp SH7708 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 633 page
background image
298
In the case of consecutive word and byte accesses, or consecutive longword and byte accesses, in
area 6, CE1B and CE2B are asserted simultaneously in the byte access. As a result, a byte write
becomes a word-size write. In a byte read, the byte data at the specified address is read correctly.
Use one of the following methods to avoid this problem.
1. Do not use area 6 PCMCIA.
2. Use an 8-bit bus width for area 6 PCMCIA.
3. If a 16-bit bus width is used for area 6 PCMCIA, do not perform byte-size write accesses.
4. In consecutive accesses a. and b. below
a. Word access
→ byte access (write)
b. Longword access
→ byte access (write)
in which this problem arises, the problem can be avoided by performing a dummy read in a
non-cacheable area as shown in (a') and (b') below.
a'. Word access
→ dummy read → byte access (write)
b'. Longword access
→ dummy read → byte access (write)
10.4.3
Self-Refreshing
1. Note the following concerning the SH7708 (not including the SH7708S and SH7708R).
When DRAM is connected in both area 2 and area 3, if
• self-refreshing is executed for the memory in only one of the areas, or
• a value corresponding to the above condition is written to the MCR or DCR register as a
program operation
after setting execution of CBR refreshing for both areas, use the procedure shown in (a), (b),
and (c) below.
a. Make a setting so that refreshing is not performed for either area 2 or area 3 (clear the
RFSH bit to 0 in both the MCR and DCR registers).
b. Execute self-refreshing for one of the areas.
c. Make a new setting so that auto-refreshing is executed for the area in which self-refreshing
is not used.
2. Note the following concerning the SH7708 Series (SH7708, SH7708S, SH7708R).
If the refresh mode bit (the RMODE bit in registers MCR and DCR) is to be changed while the
refresh control bit (the RFSH bit in registers MCR and DCR) is set to 1, use the procedure
shown in a. and b. below.
a. Clear the refresh control bit to 0.
b. When refreshing is not being performed, set the refresh control bit to 1 again and then
change the refresh mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com