Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 321Page - Renesas Technology Corp SH7708 Datasheet HTML 322Page - Renesas Technology Corp SH7708 Datasheet HTML 323Page - Renesas Technology Corp SH7708 Datasheet HTML 324Page - Renesas Technology Corp SH7708 Datasheet HTML 325Page - Renesas Technology Corp SH7708 Datasheet HTML 326Page - Renesas Technology Corp SH7708 Datasheet HTML 327Page - Renesas Technology Corp SH7708 Datasheet HTML 328Page - Renesas Technology Corp SH7708 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 633 page
background image
307
Bits 15 to 10, 9 (except TCR2), 7, and 6 (except TCR2)—Reserved: These bits always read 0. The
write value should always be 0.
Bit 9—Input Capture Interrupt Flag (ICPF): A function of channel 2 only: the flag is set when
input capture is requested via the TCLK pin.
Bit 9: ICPF
Description
0
No input capture request has been issued.
Clearing condition: When 0 is written to ICPF
(Initial value)
1
Input capture has been requested via the TCLK pin.
Setting condition: When an input capture is requested via the TCLK pin*
Note: * Contents do not change when 1 is written to ICPF.
Bit 8—Underflow Flag (UNF): Status flag that indicates occurrence of a TCNT underflow.
Bit 8: UNF
Description
0
TCNT has not underflowed.
Clearing condition: When 0 is written to UNF
(Initial value)
1
TCNT has underflowed (H'00000000
→ H'FFFFFFFF).
Setting condition: When TCNT underflows*
Note: * Contents do not change when 1 is written to UNF.
Bits 7 and 6—Input Capture Control (ICPE1, ICPE0): A function of channel 2 only: determines
whether the input capture function can be used, and when used, whether or not to enable
interrupts.
When using this input capture function it is necessary to set the TCLK pin to input mode with the
TCOE bit in the TOCR register. Additionally, use the CKEG bit to designate use of either the
rising or falling edge of the TCLK pin to set the value in TNCT2 in the input capture register
(TCPR2).
Bit 7: ICPE1
Bit 6: ICPE0
Description
0
0
Input capture function is not used.
(Initial value)
1
Reserved (cannot be set)
1
0
Input capture function is used. Interrupts due to ICPF (TICPI2)
are not enabled.
1
Input capture function is used. Interrupts due to ICPF (TICPI2)
are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com