Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 249 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 249 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 245Page - ATMEL Corporation AT90SCR100 Datasheet HTML 246Page - ATMEL Corporation AT90SCR100 Datasheet HTML 247Page - ATMEL Corporation AT90SCR100 Datasheet HTML 248Page - ATMEL Corporation AT90SCR100 Datasheet HTML 249Page - ATMEL Corporation AT90SCR100 Datasheet HTML 250Page - ATMEL Corporation AT90SCR100 Datasheet HTML 251Page - ATMEL Corporation AT90SCR100 Datasheet HTML 252Page - ATMEL Corporation AT90SCR100 Datasheet HTML 253Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 433 page
background image
249
TPR0327AY–SMS–30Jan09
AT90SCR100
18.11 USART Register Description
18.11.1
UDR0 – USART I/O Data Register n
The USART Transmit Data Buffer Register and USART Receive Data Buffer Registers share the
same I/O address referred to as USART Data Register or UDR0. The Transmit Data Buffer Reg-
ister (TXB) will be the destination for data written to the UDR0 Register location. Reading the
UDR0 Register location will return the contents of the Receive Data Buffer Register (RXB).
For 5-, 6-, or 7-bit characters the upper unused bits will be ignored by the Transmitter and set to
zero by the Receiver.
The transmit buffer can only be written when the UDRE0 Flag in the UCSR0A Register is set.
Data written to UDR0 when the UDRE0 Flag is not set, will be ignored by the USART Transmit-
ter. When data is written to the transmit buffer, and the Transmitter is enabled, the Transmitter
will load the data into the Transmit Shift Register when the Shift Register is empty. Then the
data will be serially transmitted on the TxD0 pin.
The receive buffer consists of a two level FIFO. The FIFO will change its state whenever the
receive buffer is accessed. Due to this behavior of the receive buffer, do not use Read-Modify-
Write instructions (SBI and CBI) on this location. Be careful when using bit test instructions
(SBIC and SBIS), since these also will change the state of the FIFO.
18.11.2
UCSR0A – USART Control and Status Register A
• Bit 7 – RXC0: USART Receive Complete
This flag bit is set when there are unread data in the receive buffer and cleared when the receive
buffer is empty (i.e., does not contain any unread data). If the Receiver is disabled, the receive
buffer will be flushed and consequently the RXC0 bit will become zero. The RXC0 Flag can be
used to generate a Receive Complete interrupt (see description of the RXCIE0 bit).
• Bit 6 – TXC0: USART Transmit Complete
This flag bit is set when the entire frame in the Transmit Shift Register has been shifted out and
there are no new data currently present in the transmit buffer (UDR0). The TXC0 Flag bit is auto-
matically cleared when a transmit complete interrupt is executed, or it can be cleared by writing
a one to its bit location. The TXC0 Flag can generate a Transmit Complete interrupt (see
description of the TXCIE0 bit).
• Bit 5 – UDRE0: USART Data Register Empty
Bit
7654
3
2
1
0
UDR0
$0000C6
RXB[7..0]
(Read)
$0000C6
TXB[7..0]
(Write)
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7654
3
2
1
0
$0000C0
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
UCSR0A
Read/write
R
R/W
R
R
R
R
R/W
R/W
Initial value
0010
0
0
0
0
0x20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com