Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 252 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 252 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 248Page - ATMEL Corporation AT90SCR100 Datasheet HTML 249Page - ATMEL Corporation AT90SCR100 Datasheet HTML 250Page - ATMEL Corporation AT90SCR100 Datasheet HTML 251Page - ATMEL Corporation AT90SCR100 Datasheet HTML 252Page - ATMEL Corporation AT90SCR100 Datasheet HTML 253Page - ATMEL Corporation AT90SCR100 Datasheet HTML 254Page - ATMEL Corporation AT90SCR100 Datasheet HTML 255Page - ATMEL Corporation AT90SCR100 Datasheet HTML 256Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 433 page
background image
252
TPR0327AY–SMS–30Jan09
AT90SCR100
Note:
1. See “USART in SPI Mode” on page 257 for full description of the Master SPI Mode (MSPIM)
operation
• Bits 5..4 – UPM01..0: Parity Mode
These bits enable and set type of parity generation and check. If enabled, the Transmitter will
automatically generate and send the parity of the transmitted data bits within each frame. The
Receiver will generate a parity value for the incoming data and compare it to the UPM0 setting.
If a mismatch is detected, the UPE0 Flag in UCSR0A will be set.
• Bit 3 – USBS0: Stop Bit Select
This bit selects the number of stop bits to be inserted by the Transmitter. The Receiver ignores
this setting.
• Bit 2:1 – UCSZ01:0: Character Size
The UCSZ01:0 bits combined with the UCSZ02 bit in UCSR0B sets the number of data bits
(Character size) in a frame the Receiver and Transmitter use.
0
1
Synchronous USART
1
0
(Reserved)
1
1
Master SPI (MSPIM)(1)
Table 18-5.
UPM0 Bits Settings
UPM01
UPM00
Parity Mode
0
0
Disabled
01
Reserved
1
0
Enabled, Even Parity
1
1
Enabled, Odd Parity
Table 18-6.
USBS Bit Settings
USBS0
Stop Bit(s)
01-bit
12-bit
Table 18-7.
UCSZ0 Bits Settings
UCSZ02
UCSZ01
UCSZ00
Character Size
000
5-bit
001
6-bit
010
7-bit
011
8-bit
100
Reserved
Table 18-4.
UMSEL0 Bits Settings
UMSEL01
UMSEL00
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com