Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 254 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 250Page - ATMEL Corporation AT90SCR100 Datasheet HTML 251Page - ATMEL Corporation AT90SCR100 Datasheet HTML 252Page - ATMEL Corporation AT90SCR100 Datasheet HTML 253Page - ATMEL Corporation AT90SCR100 Datasheet HTML 254Page - ATMEL Corporation AT90SCR100 Datasheet HTML 255Page - ATMEL Corporation AT90SCR100 Datasheet HTML 256Page - ATMEL Corporation AT90SCR100 Datasheet HTML 257Page - ATMEL Corporation AT90SCR100 Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 433 page
background image
254
TPR0327AY–SMS–30Jan09
AT90SCR100
18.12 Examples of Baud Rate Setting
For AT90SCR100 frequencies, the most commonly used baud rates for asynchronous operation
can be generated by using the UBRR settings in Table 18-9 and Table 18-10. UBRR values
which yield an actual baud rate differing less than 0.5% from the target baud rate, are bold in the
table. Higher error ratings are acceptable, but the Receiver will have less noise resistance when
the error ratings are high, especially for large serial frames (see “Asynchronous Operational
Range” on page 246). The error values are calculated using the following equation:
Note:
1. UBRR = 0, Error = 0.0%
Error[%]
BaudRateClosest Match
BaudRate
--------------------------------------------------------
1
–
⎝⎠
⎛⎞ 100%
•
=
Table 18-9.
Examples of UBRR0 Settings accessible Oscillator Frequencies
Baud
Rate
(bps)
f
osc = 8.0000 MHz
f
osc = 16 MHz
f
osc = 19.2 MHz
U2X0 = 0
U2X0 = 1
U2X0 = 0
U2X0 = 1
U2X0 = 0
U2X0 = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
207
0.2%
416
-0.1%
416
-0.1%
832
0%
499
0%
999
0%
4800
103
0.2%
207
0.2%
207
0.2%
416
-0.1%
249
0%
499
0%
9600
51
0.2%
103
0.2%
103
0.2%
207
0.2%
124
0%
249
0%
14.4k
34
-0.8%
68
0.6%
68
0.6%
138
-0.1%
82
0.4%
166
-0.2%
19.2k
25
0.2%
51
0.2%
51
0.2%
103
0.2%
62
-0.8%
124
0%
28.8k
16
2.1%
34
-0.8%
34
-0.8%
68
0.6%
41
-0.8%
82
0.4%
38.4k
12
0.2%250.2%250.2%51
0.2%300.8%62
-0.8%
57.6k
8
-3.5%
16
2.1%
16
2.1%
34
-0.8%
20
-0.8%
41
-0.8%
76.8k
6
-7%
12
0.2%
12
0.2%
25
0.2%
15
2.3%
30
0.8%
115.2k
3
8.5%
8
-3.5%
8
-3.5%
16
2.1%
9
4.2%
20
-0.8%
230.4k
1
8.5%
3
8.5%
3
8.5%
8
-3.5%
4
4.2%
9
4.2%
250k
1
0%
3
0%
3
0%
7
0%
4
-4%
9
-4%
500k
0
0%
1
0%
1
0%
3
0%
1
20%
4
-4%
1M
-
-
0
0%
0
0%
1
0%
0
20%
1
20%
1.5M
-----
-
0
33.3%
-
-%
1
-20%
2M
-----
-
0
0%
-
-%
0
20%
Max.(1)
500kbps
1Mbps
1Mbps
2Mbps
1.2Mbps
2.4Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com