Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 258 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 258 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 254Page - ATMEL Corporation AT90SCR100 Datasheet HTML 255Page - ATMEL Corporation AT90SCR100 Datasheet HTML 256Page - ATMEL Corporation AT90SCR100 Datasheet HTML 257Page - ATMEL Corporation AT90SCR100 Datasheet HTML 258Page - ATMEL Corporation AT90SCR100 Datasheet HTML 259Page - ATMEL Corporation AT90SCR100 Datasheet HTML 260Page - ATMEL Corporation AT90SCR100 Datasheet HTML 261Page - ATMEL Corporation AT90SCR100 Datasheet HTML 262Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 433 page
background image
258
TPR0327AY–SMS–30Jan09
AT90SCR100
BAUD
Baud rate (in bits per second, bps)
f
OSC
System Oscillator clock frequency: clkIO
UBRR0
Contents of the UBRR0H and UBRR0L Registers, (0-4095)
19.4
SPI Data Modes and Timing
There are four combinations of XCK0 (SCK) phase and polarity with respect to serial data, which
are determined by control bits UCPHA0 and UCPOL0. The data transfer timing diagrams are
shown in Figure 19-1. Data bits are shifted out and latched in on opposite edges of the XCK0
signal, ensuring sufficient time for data signals to stabilize. The UCPOL0 and UCPHA0 function-
ality is summarized in Table 19-2. Note that changing the setting of any of these bits will corrupt
all ongoing communication for both the Receiver and Transmitter.
Table 19-1.
Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating Baud
Rate
(1)
1.
The baud rate is defined to be the transfer rate in bit per second (bps)
Equation for Calculating UBRR0
Value
Synchronous Master
mode
BAUD
f
OSC
2 UBRRn 1
+
()
---------------------------------------
=
UBRRn
f
OS C
2BAUD
--------------------
1
–
=
Table 19-2.
UCPOL0 and UCPHA0 Functionality-
UCPOL0
UCPHA0
SPI Mode
Leading Edge
Trailing Edge
0
0
0
Sample (Rising)
Setup (Falling)
0
1
1
Setup (Rising)
Sample (Falling)
1
0
2
Sample (Falling)
Setup (Rising)
1
1
3
Setup (Falling)
Sample (Rising)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com