Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 251Page - ATMEL Corporation AT90SCR100 Datasheet HTML 252Page - ATMEL Corporation AT90SCR100 Datasheet HTML 253Page - ATMEL Corporation AT90SCR100 Datasheet HTML 254Page - ATMEL Corporation AT90SCR100 Datasheet HTML 255Page - ATMEL Corporation AT90SCR100 Datasheet HTML 256Page - ATMEL Corporation AT90SCR100 Datasheet HTML 257Page - ATMEL Corporation AT90SCR100 Datasheet HTML 258Page - ATMEL Corporation AT90SCR100 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 433 page
background image
255
TPR0327AY–SMS–30Jan09
AT90SCR100
Note:
1. UBRR = 0, Error = 0.0%
Table 18-10.
Examples of UBRR0 Settings accessible Oscillator Frequencies (Continued)
Baud
Rate
(bps)
f
osc = 20 MHz
U2X0 = 0
U2X0 = 1
UBRR
Error
UBRR
Error
2400
520
0%
1041
0%
4800
259
0.2%
520
0%
9600
129
0.2%
259
0.2%
14.4k
86
-0.2%
173
-0.2%
19.2k
64
0.2%
129
0.2%
28.8k
42
0.9%
86
-0.2%
38.4k
32
-1.4%
64
0.2%
57.6k
21
-1.4%
42
0.9%
76.8k
15
1.7%
32
-1.4%
115.2k
10
-1.4%
21
-1.4%
230.4k
4
8.5%
10
-1.4%
250k
4
0%
9
0%
500k
2
-16.7%
4
0%
1M
0
25%
2
-16.7%
1.5M
1
-16.7%
2M
0
25%
Max.(1)
1.25Mbps
2.5Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com