Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 256Page - ATMEL Corporation AT90SCR100 Datasheet HTML 257Page - ATMEL Corporation AT90SCR100 Datasheet HTML 258Page - ATMEL Corporation AT90SCR100 Datasheet HTML 259Page - ATMEL Corporation AT90SCR100 Datasheet HTML 260Page - ATMEL Corporation AT90SCR100 Datasheet HTML 261Page - ATMEL Corporation AT90SCR100 Datasheet HTML 262Page - ATMEL Corporation AT90SCR100 Datasheet HTML 263Page - ATMEL Corporation AT90SCR100 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 433 page
background image
260
TPR0327AY–SMS–30Jan09
AT90SCR100
can be used to check that the Transmitter has completed all transfers, and the RXC0 Flag can
be used to check that there are no unread data in the receive buffer. Note that the TXC0 Flag
must be cleared before each transmission (before UDR0 is written) if it is used for this purpose.
The following simple USART initialization code examples show one assembly and one C func-
tion that are equal in functionality. The examples assume polling (no interrupts enabled). The
baud rate is given as a function parameter. For the assembly code, the baud rate parameter is
assumed to be stored in the r17:r16 registers.
19.6
Data Transfer
Using the USART in MSPI mode requires the Transmitter to be enabled, i.e. the TXEN0 bit in
the UCSR0B register is set to one. When the Transmitter is enabled, the normal port operation
of the TxD0 pin is overridden and given the function as the Transmitter's serial output. Enabling
Assembly Code Example
USART_Init:
clr
r18
out
UBRR0H,r18
out
UBRR0L,r18
; Setting the XCK0 port pin as output, enables master mode.
sbi
XCK0_DDR, XCK0
; Set MSPI mode of operation and SPI data mode 0.
ldi
r18, (1<<UMSEL01)|(1<<UMSEL00)|(0<<UCPHA0)|(0<<UCPOL0)
out
UCSR0C,r18
; Enable receiver and transmitter.
ldi
r18, (1<<RXEN0)|(1<<TXEN0)
out
UCSR0B,r18
; Set baud rate.
; IMPORTANT: The Baud Rate must be set after the transmitter is enabled!
out
UBRR0H, r17
out
UBRR0L, r18
ret
C Code Example
void
USART_Init( unsigned int baud )
{
UBRR0 = 0;
/* Setting the XCK0 port pin as output, enables master mode. */
XCK0_DDR |= (1<<XCK0);
/* Set MSPI mode of operation and SPI data mode 0. */
UCSR0C = (1<<UMSEL01)|(1<<UMSEL00)|(0<<UCPHA0)|(0<<UCPOL0);
/* Enable receiver and transmitter. */
UCSR0B = (1<<RXEN0)|(1<<TXEN0);
/* Set baud rate. */
/* IMPORTANT: The Baud Rate must be set after the transmitter is enabled
*/
UBRR0 = baud;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com