Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 260Page - ATMEL Corporation AT90SCR100 Datasheet HTML 261Page - ATMEL Corporation AT90SCR100 Datasheet HTML 262Page - ATMEL Corporation AT90SCR100 Datasheet HTML 263Page - ATMEL Corporation AT90SCR100 Datasheet HTML 264Page - ATMEL Corporation AT90SCR100 Datasheet HTML 265Page - ATMEL Corporation AT90SCR100 Datasheet HTML 266Page - ATMEL Corporation AT90SCR100 Datasheet HTML 267Page - ATMEL Corporation AT90SCR100 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 433 page
background image
264
TPR0327AY–SMS–30Jan09
AT90SCR100
Writing this bit to one enables interrupt on the UDRE0 Flag. A Data Register Empty interrupt will
be generated only if the UDRIE0 bit is written to one, the Global Interrupt Flag in SREG is written
to one and the UDRE0 bit in UCSR0A is set.
• Bit 4 – RXEN0: Receiver Enable 0
Writing this bit to one enables the USART Receiver. The Receiver will override normal port oper-
ation for the RxD0 pin when enabled. Disabling the Receiver will flush the receive buffer
invalidating the FE0, DOR0, and UPE0 Flags.
• Bit 3 – TXEN0: Transmitter Enable 0
Writing this bit to one enables the USART Transmitter. The Transmitter will override normal port
operation for the TxD0 pin when enabled. The disabling of the Transmitter (writing TXENn0to
zero) will not become effective until ongoing and pending transmissions are completed, i.e.,
when the Transmit Shift Register and Transmit Buffer Register do not contain data to be trans-
mitted. When disabled, the Transmitter will no longer override the TxD0 port
• Bit 2..0 - Reserved Bits in MSPI mode
When in MSPI mode, these bits are reserved for future use. For compatibility with future devices,
these bits must be written to zero when UCSR0B is written.
19.7.4
UCSR0C – USART MSPIM Control and Status Register 0 C
• Bit 7..6 - UMSEL01..0: USART Mode Select
These bits select the mode of operation of the USART as shown in Table 19-3. See “UCSR0C –
USART Control and Status Register C” on page 251 for full description of the normal USART
operation. The MSPIM is enabled when both UMSEL0 bits are set to one. The UDORD0,
UCPHA0, and UCPOL0 can be set in the same write operation where the MSPIM is enabled.
• Bit 5..3 - Reserved Bits in MSPI mode
When in MSPI mode, these bits are reserved for future use. For compatibility with future devices,
these bits must be written to zero when UCSR0C is written.
• Bit 2 - UDORD0: Data Order
When set to one the LSB of the data word is transmitted first. When set to zero the MSB of the
data word is transmitted first. Refer to the Frame Formats section page 4 for details.
Bit
7
6
5
4
3
2
1
0
$0000C2
UMSEL01
UMSEL00
-
-
-
UDORD0
UCPHA
UCPOL0
UCSR0C
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
1
1
0
0x06
Table 19-3.
UMSEL0 Bits Settings
UMSEL01
UMSEL00
Mode
0
0
Asynchronous USART
0
1
Synchronous USART
1
0
(Reserved)
1
1
Master SPI (MSPIM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com