Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 267 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 267 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 263Page - ATMEL Corporation AT90SCR100 Datasheet HTML 264Page - ATMEL Corporation AT90SCR100 Datasheet HTML 265Page - ATMEL Corporation AT90SCR100 Datasheet HTML 266Page - ATMEL Corporation AT90SCR100 Datasheet HTML 267Page - ATMEL Corporation AT90SCR100 Datasheet HTML 268Page - ATMEL Corporation AT90SCR100 Datasheet HTML 269Page - ATMEL Corporation AT90SCR100 Datasheet HTML 270Page - ATMEL Corporation AT90SCR100 Datasheet HTML 271Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 433 page
background image
267
TPR0327AY–SMS–30Jan09
AT90SCR100
20. SPI - Serial Peripheral Interface
The Serial Peripheral Interface (SPI) allows synchronous data transfer between the
AT90SCR100 and peripheral devices such as RF front-end chip. The AT90SCR100 SPI
includes the following features:
20.1
Features
• Full-duplex, Three-wire Synchronous Data Transfer
• Master or Slave Operation
• LSB First or MSB First Data Transfer
• Seven Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wake-up from Idle Mode
• Double Speed (CK/2) Master SPI Mode
20.2
Description
USART can also be used in Master SPI mode. See “USART in SPI Mode” on page 257.
The Power Reduction SPI bit, PRSPI, in “PRR0 – Power Reduction Register 0” on page 45 on
page 50 must be written to zero to enable SPI module.
Please Refer to Section 2. “Pin List Configuration” on page 5 for SPI pin placement.
Figure 20-1.
SPI Block Diagram
DIVIDER
/2/4/8/16/32/64/128
Clk
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com