Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 259Page - ATMEL Corporation AT90SCR100 Datasheet HTML 260Page - ATMEL Corporation AT90SCR100 Datasheet HTML 261Page - ATMEL Corporation AT90SCR100 Datasheet HTML 262Page - ATMEL Corporation AT90SCR100 Datasheet HTML 263Page - ATMEL Corporation AT90SCR100 Datasheet HTML 264Page - ATMEL Corporation AT90SCR100 Datasheet HTML 265Page - ATMEL Corporation AT90SCR100 Datasheet HTML 266Page - ATMEL Corporation AT90SCR100 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 433 page
background image
263
TPR0327AY–SMS–30Jan09
AT90SCR100
19.7.2
UCSR0A – USART MSPIM Control and Status Register 0 A
• Bit 7 – RXC0: USART Receive Complete
This flag bit is set when there are unread data in the receive buffer and cleared when the receive
buffer is empty (i.e., does not contain any unread data). If the Receiver is disabled, the receive
buffer will be flushed and consequently the RXC0 bit will become zero. The RXC0 Flag can be
used to generate a Receive Complete interrupt (see description of the RXCIE0 bit).
• Bit 6 – TXC0: USART Transmit Complete
This flag bit is set when the entire frame in the Transmit Shift Register has been shifted out and
there are no new data currently present in the transmit buffer (UDR0). The TXC0 Flag bit is auto-
matically cleared when a transmit complete interrupt is executed, or it can be cleared by writing
a one to its bit location. The TXC0 Flag can generate a Transmit Complete interrupt (see
description of the TXCIE0 bit).
• Bit 5 – UDRE0: USART Data Register Empty
The UDRE0 flag indicates if the transmit buffer (UDR0) is ready to receive new data. If UDRE0 is
one, the buffer is empty, and therefore ready to be written. The UDRE0 Flag can generate a
Data Register Empty interrupt (see description of the UDRIE0 bit).
UDRE0 is set after a reset to indicate that the Transmitter is ready.
• Bit 4..0 - Reserved Bits in MSPI mode
When in MSPI mode, these bits are reserved for future use. For compatibility with future devices,
these bits must be written to zero when UCSR0A is written.
19.7.3
UCSR0B – USART MSPIM Control and Status Register 0 B
• Bit 7 – RXCIE0: RX Complete Interrupt Enable 0
Writing this bit to one enables interrupt on the RXC0 Flag. A USART Receive Complete interrupt
will be generated only if the RXCIE0 bit is written to one, the Global Interrupt Flag in SREG is
written to one and the RXC0 bit in UCSR0A is set.
• Bit 6 – TXCIE0: TX Complete Interrupt Enable 0
Writing this bit to one enables interrupt on the TXC0 Flag. A USART Transmit Complete interrupt
will be generated only if the TXCIE0 bit is written to one, the Global Interrupt Flag in SREG is
written to one and the TXC0 bit in UCSR0A is set.
• Bit 5 – UDRIE0: USART Data Register Empty Interrupt Enable 0
Bit
7654
3
2
1
0
$0000C0
RXC0
TXC0
UDRE0
-
-
-
-
-
UCSR0A
Read/write
R
R/W
R
R
R
R
R/W
R/W
Initial value
0010
0
0
0
0
0x20
Bit
7654
3
2
1
0
$0000C1
RXCIE0
TXCIE0
UDRIE0
RXE0
TXE0
-
-
-
UCSR0B
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com