Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 246Page - ATMEL Corporation AT90SCR100 Datasheet HTML 247Page - ATMEL Corporation AT90SCR100 Datasheet HTML 248Page - ATMEL Corporation AT90SCR100 Datasheet HTML 249Page - ATMEL Corporation AT90SCR100 Datasheet HTML 250Page - ATMEL Corporation AT90SCR100 Datasheet HTML 251Page - ATMEL Corporation AT90SCR100 Datasheet HTML 252Page - ATMEL Corporation AT90SCR100 Datasheet HTML 253Page - ATMEL Corporation AT90SCR100 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 433 page
background image
250
TPR0327AY–SMS–30Jan09
AT90SCR100
The UDRE0 flag indicates if the transmit buffer (UDR0) is ready to receive new data. If UDRE0 is
one, the buffer is empty, and therefore ready to be written. The UDRE0 Flag can generate a
Data Register Empty interrupt (see description of the UDRIE0 bit).
UDRE0 is set after a reset to indicate that the Transmitter is ready.
• Bit 4 – FE0: Frame Error
This bit is set if the next character in the receive buffer had a Frame Error when received. I.e.,
when the first stop bit of the next character in the receive buffer is zero. This bit is valid until the
receive buffer (UDR0) is read. The FE0 bit is zero when the stop bit of received data is one.
Always set this bit to zero when writing to UCSR0A.
• Bit 3 – DOR0: Data OverRun
This bit is set if a Data OverRun condition is detected. A Data OverRun occurs when the receive
buffer is full (two characters), it is a new character waiting in the Receive Shift Register, and a
new start bit is detected. This bit is valid until the receive buffer (UDR0) is read. Always set this
bit to zero when writing to UCSR0A.
• Bit 2 – UPE0: USART Parity Error
This bit is set if the next character in the receive buffer had a Parity Error when received and the
Parity Checking was enabled at that point (UPM01 = 1). This bit is valid until the receive buffer
(UDR0) is read. Always set this bit to zero when writing to UCSR0A.
• Bit 1 – U2X0: Double the USART Transmission Speed
This bit only has effect for the asynchronous operation. Write this bit to zero when using syn-
chronous operation.
Writing this bit to one will reduce the divisor of the baud rate divider from 16 to 8 effectively dou-
bling the transfer rate for asynchronous communication.
• Bit 0 – MPCM0: Multi-processor Communication Mode
This bit enables the Multi-processor Communication mode. When the MPCM0 bit is written to
one, all the incoming frames received by the USART Receiver that do not contain address infor-
mation will be ignored. The Transmitter is unaffected by the MPCM0 setting. For more detailed
information see “Multi-processor Communication Mode” on page 247.
18.11.3
UCSR0B – USART Control and Status Register B
• Bit 7 – RXCIE0: RX Complete Interrupt Enable 0
Writing this bit to one enables interrupt on the RXC0 Flag. A USART Receive Complete interrupt
will be generated only if the RXCIE0 bit is written to one, the Global Interrupt Flag in SREG is
written to one and the RXC0 bit in UCSR0A is set.
• Bit 6 – TXCIE0: TX Complete Interrupt Enable 0
Bit
7654
3
2
1
0
$0000C1
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
UCSR0B
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com