Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 341 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 341 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 337Page - ATMEL Corporation AT90SCR100 Datasheet HTML 338Page - ATMEL Corporation AT90SCR100 Datasheet HTML 339Page - ATMEL Corporation AT90SCR100 Datasheet HTML 340Page - ATMEL Corporation AT90SCR100 Datasheet HTML 341Page - ATMEL Corporation AT90SCR100 Datasheet HTML 342Page - ATMEL Corporation AT90SCR100 Datasheet HTML 343Page - ATMEL Corporation AT90SCR100 Datasheet HTML 344Page - ATMEL Corporation AT90SCR100 Datasheet HTML 345Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 433 page
background image
341
TPR0327AY–SMS–30Jan09
AT90SCR100
25.3
AES Registers description
25.3.1
AESCR - AES Control Register
• Bit 7 - AESIE : AES Interrupt Enable
Set (one) this bit to enable interrupt generation when AES operation is ended.
Clear (zero) this bit to disable AES interrupt generation.
• Bit 6 - AESIF : AES Interrupt Flag
This bit is set by hardware on AES operation completion. If AESIE and SREG.I are set, an inter-
rupt is automatically generated.
This bit must be cleared by software.
• Bit 5 - AUTOKEY : Encrypt/Decrypt Automatic Key Generation Mode
This bit is set and cleared by software.
If this bit is set, when AESGO is set, a decryption (encryption) key is automatically generated
from the encryption (decryption) key and will be used in the decryption (encryption) operation.
This key is available in the key internal register and can be read.
If this bit is cleared, then AESGO performs a standard operation, using the key in its buffer.
• Bit 4 - KEYGN : Key Generation Mode
This bit is set and cleared by software.
This bit allows a decryption key to be generated from an encryption key without processing AES
data (which means that AES data registers won’t change).
When in this mode, a decryption key will be calculated from an encryption key if the ENCRYPT
bit is set and an encryption key will be calculated from a decryption key if the ENCRYPT bit is
cleared.
If this bit is set, AES key calculation will be perform when setting AESGO bit.
If this bit is cleared, AESGO bit will perform a standard operation, processing AES data.
• Bit 3 - KS : Key Selection bit
This bit is set and cleared by software.
Set this bit to activate AES256 mode, using 256 bits key.
Clear this bit to activate AES128 mode, using 128 LSB bits of the AES key (key[0..15]). The
MSB bits (key[16..31]) are unused.
• Bit 2 - Reserved bit
This bit is reserved for future use.
• Bit 1 - ENCRYPT : Encryption/Decryption bit
Bit
7
6
5
4
3
2
1
0
$0078
AESIE
AESIF
AUTOKEY
KEYGN
KS
-
ENCRYPT
AESGO
AESCR
Read/write
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com