Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 339 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 339 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 335Page - ATMEL Corporation AT90SCR100 Datasheet HTML 336Page - ATMEL Corporation AT90SCR100 Datasheet HTML 337Page - ATMEL Corporation AT90SCR100 Datasheet HTML 338Page - ATMEL Corporation AT90SCR100 Datasheet HTML 339Page - ATMEL Corporation AT90SCR100 Datasheet HTML 340Page - ATMEL Corporation AT90SCR100 Datasheet HTML 341Page - ATMEL Corporation AT90SCR100 Datasheet HTML 342Page - ATMEL Corporation AT90SCR100 Datasheet HTML 343Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 433 page
background image
339
TPR0327AY–SMS–30Jan09
AT90SCR100
25. AES 128/256 Engine
To support all the security needs and requirements of embedded systems, the AT90SCR100
features a hardware AES engine. It provides an efficient and easy way to perform standard cryp-
tographic calculus.
25.1
Features
• 128 and 256 bits key length
• Encryption and Decryption algorithm
• Supports ECB, CBC, and MAC algorithms
• Specific Encryption/Decryption key generation for optimized revet algorithm
• Auto-incremented pointer register on data write for fast data loading
• Interrupt generation on calculus completion
25.2
Overview
The AES module of the AT90SCR100 includes an internal memory, dedicated to AES manage-
ment. These registers are not directly accessible from the AVR core, and the user must use a
specific interface to write both key and data.
The AES module can only manage one data block of 128 bits at a time.
The figure below shows how to access the internal memory of the AES block:
Figure 25-1.
AES Block Interface
AES Key Register
AES Engine
AES Control
System
AES Block
AES Data Register
Internal Memory
0x00
0x00
0x31
0x15
AESDR
AESADDR
AESACR
Address Decoder
AESACR.KD
AESACR.KD=0
AESACR.KD=1
AES Interrupt signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com